Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 9Page - ATMEL Corporation PC7447 Datasheet HTML 10Page - ATMEL Corporation PC7447 Datasheet HTML 11Page - ATMEL Corporation PC7447 Datasheet HTML 12Page - ATMEL Corporation PC7447 Datasheet HTML 13Page - ATMEL Corporation PC7447 Datasheet HTML 14Page - ATMEL Corporation PC7447 Datasheet HTML 15Page - ATMEL Corporation PC7447 Datasheet HTML 16Page - ATMEL Corporation PC7447 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
13
PC7457/47 [Preliminary]
5345B–HIREL–02/04
The PC7457 provides several I/O voltages to support both compatibility with existing
systems and migration to future systems. The PC7457 core voltage must always be pro-
vided at nominal 1.3V (see Table 3 for actual recommended core voltage). Voltage to
the L3 I/Os and processor interface I/Os are provided through separate sets of supply
pins and may be provided at the voltages shown in Table 4. The input voltage threshold
for each bus is selected by sampling the state of the voltage select pins at the negation
of the signal HRESET. The output voltage will swing from GND to the maximum voltage
applied to the OV
DD or GVDD power pins.
Notes:
1. Not implemented on PC7447.
2. Caution: The input threshold selection must agree with the OVDD/GVDD voltages sup-
plied. See notes in Table 2.
3. If used, pull-down resistors should be less than 250
Ω
4. Applicable to L3 bus interface only. ¬HRESET is the inverse of HRESET.
5. 1.8V I/O mode and 1.5V I/O mode are not supported in N spec at VDD = 1.1V.
Thermal Characteristics
Package Characteristics
Notes:
1. See “Thermal Management Information” on page 15 for more details about thermal management.
2. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) tempera-
ture, ambient temperature, airflow, power dissipation of other components on the board, and board thermal resistance.
3. Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
4. Per JEDEC JESD51-6 with the board horizontal.
5. Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
6. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1) with the calculated case temperature. The actual value of RθJC for the part is less than 0.1°C/W.
Table 4. Input Threshold Voltage Setting
BVSEL
Signal
Processor Bus Input
Threshold is Relative to:
L3VSEL
Signal(1)
L3 Bus Input Threshold
is Relative to:
Notes
0
1.8V
0
1.8V
(2)(3)(5)
¬HRESET
Not available
¬HRESET
1.5V
(2)(4)(5)
HRESET
2.5V
HRESET
2.5V
(2)
1
2.5V
1
2.5V
(2)
Table 5. Package Thermal Characteristics
(1)
Symbol
Characteristic
Value
Unit
PC7447
PC7457
RθJA
(2)(3)
Junction-to-ambient thermal resistance, natural convection
22
20
°C/W
RθJMA
(2)(4)
Junction-to-ambient thermal resistance, natural convection, four-layer (2s2p) board
14
14
°C/W
RθJMA
(2)(4)
Junction-to-ambient thermal resistance, 200 ft./min. airflow, single-layer (1s) board
16
15
°C/W
RθJMA
(2)(4)
Junction-to-ambient thermal resistance, 200 ft./min. airflow, four-layer (2s2p) board
11
11
°C/W
RθJB
(5)
Junction-to-board thermal resistance
6
6
°C/W
RθJC
(6)
Junction-to-case thermal resistance
< 0.1
< 0.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com