Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 7Page - ATMEL Corporation PC7447 Datasheet HTML 8Page - ATMEL Corporation PC7447 Datasheet HTML 9Page - ATMEL Corporation PC7447 Datasheet HTML 10Page - ATMEL Corporation PC7447 Datasheet HTML 11Page - ATMEL Corporation PC7447 Datasheet HTML 12Page - ATMEL Corporation PC7447 Datasheet HTML 13Page - ATMEL Corporation PC7447 Datasheet HTML 14Page - ATMEL Corporation PC7447 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
11
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Detailed
Specification
Scope
This specification describes the specific requirements for the microprocessor PC7457 in
compliance with Atmel standard screening.
Applicable
Documents
1.
MIL-STD-883: Test methods and procedures for electronics
2.
MIL-PRF-38535: Appendix A: General specifications for microcircuits
Requirements
General
The microcircuits are in accordance with the applicable documents and as specified
herein.
Design and Construction
Terminal Connections
Depending on the package, the terminal connections are as shown in Table 16, Table 3
and Figure 2.
Absolute Maximum
Ratings
Notes:
1. Functional and tested operating conditions are given in Table 3 on page 12. Absolute maximum ratings are stress ratings
only, and functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability
or cause permanent damage to the device.
2. Caution: V
DD/AVDD must not exceed OVDD/GVDD by more than 1V during normal operation; this limit may be exceeded for a
maximum of 20 ms during power-on reset and power-down sequences.
3. Caution: OVDD/GVDD must not exceed VDD/AVDD by more than 2V during normal operation; this limit may be exceeded for a
maximum of 20 ms during power-on reset and power-down sequences.
4. BVSEL must be set to 0, such that the bus is in 1.8V mode.
5. BVSEL must be set to HRESET or 1, such that the bus is in 2.5V mode.
6. L3VSEL must be set to ¬HRESET (inverse of HRESET), such that the bus is in 1.5V mode.
Table 2. Absolute Maximum Ratings(1)
Symbol
Characteristic
Maximum Value
Unit
VDD
(2)
Core supply voltage
-0.3 to 1.60
V
AV
DD
(2)
PLL supply voltage
-0.3 to 1.60
V
OV
DD
(3)(4)
Processor bus supply voltage
BVSEL = 0
-0.3 to 1.95
V
OVDD
(3)(5)
BVSEL = HRESET or OVDD
-0.3 to 2.7
V
GV
DD
(3)(6)
L3 bus supply voltage
L3VSEL = ¬HRESET
-0.3 to 1.65
V
GV
DD
(3)(7)
L3VSEL = 0
-0.3 to 1.95
V
GVDD
(3)(8)
L3VSEL = HRESET or GVDD
-0.3 to 2.7
V
V
IN
(9)(10)
Input voltage
Processor bus
-0.3 to OV
DD + 0.3
V
V
IN
(9)(10)
L3 bus
-0.3 to GV
DD + 0.3
V
VIN
JTAG signals
-0.3 to OVDD + 0.3
V
T
STG
Storage temperature range
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com