Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 45Page - ATMEL Corporation PC7447 Datasheet HTML 46Page - ATMEL Corporation PC7447 Datasheet HTML 47Page - ATMEL Corporation PC7447 Datasheet HTML 48Page - ATMEL Corporation PC7447 Datasheet HTML 49Page - ATMEL Corporation PC7447 Datasheet HTML 50Page - ATMEL Corporation PC7447 Datasheet HTML 51Page - ATMEL Corporation PC7447 Datasheet HTML 52Page - ATMEL Corporation PC7447 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
49
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Mechanical Dimensions for the PC7457, 483 CBGA
Figure 25 provides the mechanical dimensions and bottom surface nomenclature for the PC7457, 483 CBGA package.
Figure 29. Mechanical Dimensions and Bottom Surface Nomenclature for the PC7457, 483 CBGA Package
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M, 1994
2. Dimensions in millimeters
3. Top side A1 corner index is a metallized feature with various shapes. Bottom side. A1 corner is designated with a ball miss-
ing from the array
C
A
483X
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
B
0.3
C
0.15
b
U
W
V
Y
AB
AA
123456 78 9 10111213141516 1718 1920 21 22
Capacitor Region
A
0.15 A
0.35 A
A
A1
A2
A3
Millimeters
DIM
MIN
MAX
A
2.72
3.20
A1
0.80
1
A2
1.10
1.30
A3
–
0.6
b
0.82
0.93
D
29 BSC
D1
–
12.5
D2
8.5
–
D3
–
8.4
D4
10.9
11.1
e
1.27 BSC
E
29 BSC
E1
–
12.5
E2
8.5
–
E3
–
8.4
E4
9.55
9.75
0.2
2X
C
A1 CORNER
B
0.2
2X
D
E
E3
E2
E1
E4
D2
D4
D3
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com