Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 2Page - ATMEL Corporation PC7447 Datasheet HTML 3Page - ATMEL Corporation PC7447 Datasheet HTML 4Page - ATMEL Corporation PC7447 Datasheet HTML 5Page - ATMEL Corporation PC7447 Datasheet HTML 6Page - ATMEL Corporation PC7447 Datasheet HTML 7Page - ATMEL Corporation PC7447 Datasheet HTML 8Page - ATMEL Corporation PC7447 Datasheet HTML 9Page - ATMEL Corporation PC7447 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
6
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Performs alignment, normalization, and precision conversion for floating-
point data
Executes cache control and TLB instructions
Performs alignment, zero padding, and sign extension for integer data
Supports hits under misses (multiple outstanding misses)
Supports both big- and little-endian modes, including misaligned little-endian
accesses
•
Three issue queues FIQ, VIQ, and GIQ can accept as many as one, two, and three
instructions, respectively, in a cycle. Instruction dispatch requires the following:
–
Instructions can be dispatched only from the three lowest IQ entries – IQ0,
IQ1, and IQ2
–
A maximum of three instructions can be dispatched to the issue queues per
clock cycle
–
Space must be available in the CQ for an instruction to dispatch (this
includes instructions that are assigned a space in the CQ but not in an issue
queue)
•
Rename buffers
–
16 GPR rename buffers
–
16 FPR rename buffers
–
16 VR rename buffers
•
Dispatch unit
–
Decode/dispatch stage fully decodes each instruction
•
Completion unit
–
The completion unit retires an instruction from the 16-entry completion
queue (CQ) when all instructions ahead of it have been completed, the
instruction has finished execution, and no exceptions are pending
–
Guarantees sequential programming model (precise exception model)
–
Monitors all dispatched instructions and retires them in order
–
Tracks unresolved branches and flushes instructions after a mispredicted
branch
–
Retires as many as three instructions per clock cycle
•
Separate on-chip L1 Instruction and data caches (Harvard Architecture)
–
32 Kbyte, eight-way set-associative instruction and data caches
–
Pseudo least-recently-used (PLRU) replacement algorithm
–
32-byte (eight-word) L1 cache block
–
Physically indexed/physical tags
–
Cache write-back or write-through operation programmable on a per-page or
per-block basis
–
Instruction cache can provide four instructions per clock cycle; data cache
can provide four words per clock cycle
–
Caches can be disabled in software
–
Caches can be locked in software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com