Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 40Page - ATMEL Corporation PC7447 Datasheet HTML 41Page - ATMEL Corporation PC7447 Datasheet HTML 42Page - ATMEL Corporation PC7447 Datasheet HTML 43Page - ATMEL Corporation PC7447 Datasheet HTML 44Page - ATMEL Corporation PC7447 Datasheet HTML 45Page - ATMEL Corporation PC7447 Datasheet HTML 46Page - ATMEL Corporation PC7447 Datasheet HTML 47Page - ATMEL Corporation PC7447 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
44
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Substrate Capacitors for the PC7447, 360 CBGA
Figure 26 shows the connectivity of the substrate capacitor pads for the PC7447, 360 CBGA. All capacitors are 100 nF.
Figure 26. Substrate Bypass Capacitors for the PC7447, 360 CBGA
Package Parameters for
the PC7457, 483 CBGA
The package parameters are as provided in the following list. The package type is
29 × 29 mm, 483-lead ceramic ball grid array (CBGA).
Package outline
29 mm × 29 mm
Interconnects
483 (22 × 22 ball array - 1)
Pitch
1.27 mm (50 mil)
Minimum module height
–
Maximum module height
3.22 mm
Ball diameter
0.89 mm (35 mil)
C1-2
C1-1
C2-1
C3-1
C4-1
C5-1
C6-1
C6-2
C5-2
C4-2
C3-2
C2-2
C18-1
C18-2 C17-2 C16-2
C15-2 C14-2
C13-2
C13-1
C14-1
C15-1
C16-1
C17-1
A1 CORNER
C1
GND
VDD
C2
GND
VDD
C3
GND
OVDD
C4
GND
VDD
C5
GND
VDD
C6
GND
VDD
C7
GND
VDD
C8
GND
VDD
C9
GND
OVDD
C10
GND
VDD
C11
GND
VDD
C12
GND
VDD
C13
GND
VDD
C14
GND
VDD
C15
GND
VDD
C16
GND
OVDD
C17
GND
VDD
C18
GND
OVDD
C19
GND
VDD
C20
GND
VDD
C21
GND
OVDD
C22
GND
VDD
C23
GND
VDD
C24
GND
VDD
Capacitor
Pad Number
-1
-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com