Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 21Page - ATMEL Corporation PC7447 Datasheet HTML 22Page - ATMEL Corporation PC7447 Datasheet HTML 23Page - ATMEL Corporation PC7447 Datasheet HTML 24Page - ATMEL Corporation PC7447 Datasheet HTML 25Page - ATMEL Corporation PC7447 Datasheet HTML 26Page - ATMEL Corporation PC7447 Datasheet HTML 27Page - ATMEL Corporation PC7447 Datasheet HTML 28Page - ATMEL Corporation PC7447 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
25
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Motorola is similarly limited by system constraints and cannot perform tests of the L3
interface on a socketed part on a functional tester at the maximum frequencies of Table
10. Therefore, functional operation and AC timing information are tested at core-to-L3
divisors which result in L3 frequencies at 250 MHz or lower.
Notes:
1. The maximum L3 clock frequency (and minimum L3 clock period) will be system dependent. See “L3 Clock AC Specifica-
tions” on page 24 for an explanation that this maximum frequency is not functionally tested at speed by Motorola. The
minimum L3 clock frequency and period are f
SYSCLK and tSYSCLK, respectively.
2. The nominal duty cycle of the L3 output clocks is 50% measured at midpoint voltage.
3. Maximum possible skew between L3_CLK0 and L3_CLK1. This parameter is critical to the address and control signals
which are common to both SRAM chips in the L3.
4. Maximum possible skew between L3_CLK0 and L3_ECHO_CLK1 or between L3_CLK1 and L3_ECHO_CLK3 for PB2 or
Late Write SRAM. This parameter is critical to the read data signals because the processor uses the feedback loop to latch
data driven from the SRAM, each of which drives data based on L3_CLK0 or L3_CLK1.
5. Guaranteed by design and not tested. The input jitter on SYSCLK affects L3 output clocks and the L3 address, data and
control signals equally and, therefore, is already comprehended in the AC timing and does not have to be considered in the
L3 timing analysis. The clock-to-clock jitter shown here is uncertainty in the internal clock period caused by supply voltage
noise or thermal effects. This is also comprehended in the AC timing specifications and need not be considered in the L3
timing analysis.
Figure 11. L3_CLK_OUT Output Timing Diagram
Table 10. L3_CLK Output AC Timing Specifications at Recommended Operating Conditions (see Table 3 on page 12)
Symbol
Parameter
All Speed Grades
Unit
Min
Typical
Max
fL3_CLK
(1)
L3 clock frequency
–
200
MHz
t
L3_CLK
(1)
L3 clock cycle time
–
5
–
ns
tCHCL/tL3_CLK
(2)
L3 clock duty cycle
–
50
–
%
tL3CSKW1
(3)
L3 clock output-to-output skew (L3_CLK0 to L3_CLK1)
–
–
100
ps
t
L3CSKW2
(4)
L3 clock output-to-output skew (L3_CLK[0:1] to L3_ECHO_CLK[1:3])
–
–
100
ps
L3 clock jitter(5)
––
±75
ps
L3_CLK0
VM
tL3CR
tL3CF
VM
VM
VM
L3_CLK1
VM
VM
tL3_CLK
tCHCL
VM
L3_ECHO_CLK1
L3_ECHO_CLK3
VM
VM
VM
VM
VM
VM
VM
VM
For PB2 or Late Write:
tL3CSKW1
tL3CSKW2
tL3CSKW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com