Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 37Page - ATMEL Corporation PC7447 Datasheet HTML 38Page - ATMEL Corporation PC7447 Datasheet HTML 39Page - ATMEL Corporation PC7447 Datasheet HTML 40Page - ATMEL Corporation PC7447 Datasheet HTML 41Page - ATMEL Corporation PC7447 Datasheet HTML 42Page - ATMEL Corporation PC7447 Datasheet HTML 43Page - ATMEL Corporation PC7447 Datasheet HTML 44Page - ATMEL Corporation PC7447 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
41
PC7457/47 [Preliminary]
5345B–HIREL–02/04
No Connect(11)
A6, A13, A14, A15, A16, A17, A18, A19, B13, B14, B15, B16, B17,
B18, B19, C13, C14, C15, C16, C17, C18, C19, D14, D15, D16, D17,
D18, D19, E12, E13, E14, E15, E16, E19, F12, F13, F14, F15, F16,
F17, F18, F19, G11, G12, G13, G14, G15, G16, G19, H14, H15, H16,
H17, H18, H19, J14, J15, J16, J17, J18, J19, K15, K16, K17, K18,
K19, L14, L15, L16, L17, L18, L19, M14, M15, M16, M17, M18, M19,
N12, N13, N14, N15, N16, N17, N18, N19, P15, P16, P18, P19
––
–
LSSD_MODE(6)(12)
E8
Low
Input
BVSEL
MCP
C9
Low
Input
BVSEL
OVDD
B4, C2, C12, D5, E18, F2, G18, H3, J5, K2, L5, M3, N6, P2, P8, P11,
R4, R13, R16, T6, T9, U2, U12, U16, V4, V7, V10, V14
––
N/A
PLL_CFG[0:4]
B8, C8, C7, D7, A7
High
Input
BVSEL
PMON_IN(13)
D9
Low
Input
BVSEL
PMON_OUT
A9
Low
Output
BVSEL
QACK
G5
Low
Input
BVSEL
QREQ
P4
Low
Output
BVSEL
SHD[0:1](3)
E4, H5
Low
I/O
BVSEL
SMI
F9
Low
Input
BVSEL
SRESET
A2
Low
Input
BVSEL
SYSCLK
A10
–
Input
BVSEL
TA
K6
Low
Input
BVSEL
TBEN
E1
High
Input
BVSEL
TBST
F11
Low
Output
BVSEL
TCK
C6
High
Input
BVSEL
TDI(6)
B9
High
Input
BVSEL
TDO
A4
High
Output
BVSEL
TEA
L1
Low
Input
BVSEL
TEST[0:3](12)
A12, B6, B10, E10
–
Input
BVSEL
TEST[4](9)
D10
–
Input
BVSEL
TMS(6)
F1
High
Input
BVSEL
TRST(6)(14)
A5
Low
Input
BVSEL
TS(3)
L4
Low
I/O
BVSEL
TSIZ[0:2]
G6, F7, E7
High
Output
BVSEL
TT[0:4]
E5, E6, F6, E9, C5
High
I/O
BVSEL
WT(3)
D3
Low
Output
BVSEL
VDD
H8, H10, H12, J7, J9, J11, J13, K8, K10, K12, K14, L7, L9, L11, L13,
M8, M10, M12
––
N/A
Table 16. Pinout Listing for the PC7447, 360 CBGA Package (Continued)
Signal Name
Pin Number
Active
I/O
I/F Select(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com