Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 38Page - ATMEL Corporation PC7447 Datasheet HTML 39Page - ATMEL Corporation PC7447 Datasheet HTML 40Page - ATMEL Corporation PC7447 Datasheet HTML 41Page - ATMEL Corporation PC7447 Datasheet HTML 42Page - ATMEL Corporation PC7447 Datasheet HTML 43Page - ATMEL Corporation PC7447 Datasheet HTML 44Page - ATMEL Corporation PC7447 Datasheet HTML 45Page - ATMEL Corporation PC7447 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
42
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Notes:
1. OVDD supplies power to the processor bus, JTAG, and all control signals; and VDD supplies power to the processor core and
the PLL (after filtering to become AV
DD). To program the I/O voltage, connect BVSEL to either GND (selects 1.8V) or to
HRESET (selects 2.5V). If used, the pull-down resistor should be less than 250
Ω. For actual recommended value of V
IN or
supply voltages see
Figure 3 on page 12.
2. Unused address pins must be pulled down to GND.
3. These pins require weak pull-up resistors (for example, 4.7 k
Ω) to maintain the control signals in the negated state after they
have been actively negated and released by the PC7447 and other bus masters.
4. This signal selects between MPX bus mode (asserted) and 60x bus mode (negated) and will be sampled at HRESET going
high.
5. This signal must be negated during reset, by pull up to OVDD or negation by ¬HRESET (inverse of HRESET), to ensure
proper operation.
6. Internal pull up on die.
7. Ignored in 60x bus mode.
8. These signals must be pulled down to GND if unused, or if the PC7447 is in 60x bus mode.
9. These input signals are for factory use only and must be pulled down to GND for normal machine operation.
10. It is recommended this test signal be tied to HRESET; however, other configurations will not adversely affect performance.
11. These signals are for factory use only and must be left unconnected for normal machine operation.
12. These input signals are for factory use only and must be pulled up to OVDD for normal machine operation.
13. This pin can externally cause a performance monitor event. Counting of the event is enabled via software.
14. This signal must be asserted during reset, by pull down to GND or assertion by HRESET, to ensure proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com