Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 12Page - ATMEL Corporation PC7447 Datasheet HTML 13Page - ATMEL Corporation PC7447 Datasheet HTML 14Page - ATMEL Corporation PC7447 Datasheet HTML 15Page - ATMEL Corporation PC7447 Datasheet HTML 16Page - ATMEL Corporation PC7447 Datasheet HTML 17Page - ATMEL Corporation PC7447 Datasheet HTML 18Page - ATMEL Corporation PC7447 Datasheet HTML 19Page - ATMEL Corporation PC7447 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
16
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Thermal Interface Materials
A thermal interface material is recommended at the package lid-to-heat sink interface to
minimize the thermal contact resistance. For those applications where the heat sink is
attached by spring clip mechanism, Figure 5 shows the thermal performance of three
thin-sheet thermal-interface materials (silicone, graphite/oil, floroether oil), a bare joint,
and a joint with thermal grease as a function of contact pressure.
The use of thermal grease significantly reduces the interface thermal resistance. That is,
the bare joint results in a thermal resistance approximately seven times greater than the
thermal grease joint.
Often, heat sinks are attached to the package by means of a spring clip to holes in the
printed-circuit board (see Figure 32 on page 55). Therefore, the synthetic grease offers
the best thermal performance, considering the low interface pressure and is recom-
mended due to the high power dissipation of the PC7457. Of course, the selection of
any thermal interface material depends on many factors – thermal performance require-
ments, manufacturability, service temperature, dielectric properties, cost, etc.
Figure 6. Thermal Performance of Select Thermal Interface Material
Heat Sink Selection Example
For preliminary heat sink sizing, the die-junction temperature can be expressed as
follows:
T
j = TI + Tr + (R
θJC + Rθint + Rθsa) × Pd
where:
T
j is the die-junction temperature
T
I is the inlet cabinet ambient temperature
T
r is the air temperature rise within the computer cabinet
0
0.5
1
1.5
2
010
20
30
40
50
60
70
80
Silicone Sheet (0.006 in.)
Bare Joint
Floroether Oil Sheet (0.007 in.)
Graphite/Oil Sheet (0.005 in.)
Synthetic Grease
Contact Pressure (psi)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com