Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 15Page - ATMEL Corporation PC7447 Datasheet HTML 16Page - ATMEL Corporation PC7447 Datasheet HTML 17Page - ATMEL Corporation PC7447 Datasheet HTML 18Page - ATMEL Corporation PC7447 Datasheet HTML 19Page - ATMEL Corporation PC7447 Datasheet HTML 20Page - ATMEL Corporation PC7447 Datasheet HTML 21Page - ATMEL Corporation PC7447 Datasheet HTML 22Page - ATMEL Corporation PC7447 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
19
PC7457/47 [Preliminary]
5345B–HIREL–02/04
3. Maximum power is the average measured at nominal VDD and maximum operating
junction temperature (see Table 3 on page 12) while running an entirely cache-resi-
dent, contrived sequence of instructions which keep all the execution units maximally
busy.
4. Doze mode is not a user-definable state; it is an intermediate state between full-
power and either nap or sleep mode. As a result, power consumption for this mode is
not tested.
Electrical
Characteristics
Static Characteristics
Table 7 provides the DC electrical characteristics for the PC7457
.
Notes:
1. Nominal voltages; see Table 3 on page 12 for recommended operating conditions.
2. For processor bus signals, the reference is OVDD while GVDD is the reference for the L3 bus signals.
3. Excludes test signals and IEEE 1149.1 boundary scan (JTAG) signals.
4. The leakage is measured for nominal OV
DD/GVDD and VDD, or both OVDD/GVDD and VDD must vary in the same direction (for
example, both OVDD and VDD vary by either +5% or -5%).
5. Capacitance is periodically sampled rather than 100% tested.
6. Applicable to L3 bus interface only
Table 7. DC Electrical Specifications (see Table 3 on page 12 for Recommended Operating Conditions)
Symbol
Characteristic
Nominal Bus
Voltage(1)
Min
Max
Unit
V
IH
(2)
Input high voltage (all inputs including SYSCLK)
1.5
GV
DD × 0.65
GV
DD + 0.3
V
VIH
1.8
OVDD/GVDD × 0.65
OVDD/GVDD + 0.3
V
VIH
2.5
1.7
OVDD/GVDD + 0.3
V
V
IL
(2)(6)
Input low voltage (all inputs including SYSCLK)
1.5
-0.3
GV
DD × 0.35
V
VIL
1.8
-0.3
OVDD/GVDD × 0.35
V
V
IL
2.5
-0.3
0.7
V
I
IN
(2)(3)
Input leakage current, V
IN = GVDD/OVDD
––
30
µA
ITSI(2)(3)(4)
High-impedance (off-state)
Leakage current, V
IN = GVDD/OVDD
––
30
µA
VOH
(6)
Output high voltage, I
OH = -5 mA
1.5
OVDD/GVDD – 0.45
–
V
V
OH
1.8
OV
DD/GVDD – 0.45
–
V
V
OH
2.5
1.8
–
V
VOL
(6)
Output low voltage, I
OL = 5 mA
1.5
–
0.45
V
V
OL
1.8
–
0.45
V
V
OL
2.5
–
0.6
V
C
IN
Capacitance,
V
IN = 0V, f = 1 MHz
L3 interface(5)
–
–9.5
pF
All other inputs(5)
–8.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com