Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6520ACPZ-R7
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6520ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
ADRF6520
Data Sheet
Rev. 0 | Page 24 of 29
SPI REGISTER AND TIMING
The filter frequency, filter bypass mode and offset correction loops can be programmed using the SPI interface. Table 5 provides the bit
map for the internal 24-bit register of the ADRF6520.
Table 5. Bit Map
MSB
LSB
B24
[B23:B9]
B8
[B7:B6]
B5
B4
[B3:B1]
Read/write bit
Address bits
Enable
Don’t care
DC offset disable
Don’t care
Filter frequency code
0: write operation
Set to 000000000010000
0: disable
Don’t care
0: disable
Don’t care
1 dB corner in MHz
1: read operation
1: enable
1: enable
000: 36 MHz
001: 72 MHz
010: 144 MHz
011: 288 MHz
100: 432 MHz
101: 576 MHz
110: 720 MHz
111: bypass
Table 6. Bit Map Default on Power-Up
MSB
LSB
B24
[B23:B9]
B8
[B7:B6]
B5
B4
[B3:B1]
Read/write bit
Address bits
Enable
Don’t care
DC offset disable
Don’t care
Filter frequency code
0
000000000010000
1
Don’t care
1
Don’t care
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com