Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF6520ACPZ-R7
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF6520ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Data Sheet
ADRF6520
Rev. 0 | Page 17 of 29
100
90
80
70
60
50
40
30
20
10
0
–10
–5
0
5
101520
25303540
ABSOLUTE GAIN (dB)
36MHz FILTER IIP2
720MHz FILTER IIP2
Figure 57. Out of Band IIP2, IMD2 for 36 MHz and 720 MHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
04.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
DIFFERENITAL OUTPUT (V p-p COMPOSITE)
GAIN = +25dB
GAIN = +10dB
GAIN = –7dB
GAIN = +53dB
GAIN = +40dB
Figure 58. In Band IMD3 vs. Differential Output Voltage (V p-p Composite)
over Gain, Bypass Mode at 500 MHz
CH2 500mV
CH4 500mV
M2.00µs
1
Figure 59. VGA1 Gain Step Response
50
45
40
35
30
25
20
15
10
5
0
–10
–5
0
5
101520
25303540
ABSOLUTE GAIN (dB)
36MHz FILTER IIP3
720MHz FILTER IIP3
Figure 60. Out of Band IIP3, IMD3 for 36 MHz and 720 MHz
70
60
50
40
30
20
10
0
0
1100
1000
900
800
700
600
500
400
300
200
100
FREQUENCY (MHz)
VGN1 = 1.5V, VGN2 = 0V
VGN1 = 0V, VGN2 = 0V
VGN1 = 1.5V, VGN2 = 1.5V
Figure 61. Common-Mode Rejection Ratio (CMRR) vs. Frequency,
Bypass Mode
CH2 500mV
CH4 500mV
M2.00µs
1
Figure 62. VGA2 Gain Step Response; C9 and C16 = Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com