Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6520ACPZ-R7
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6520ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Data Sheet
ADRF6520
Rev. 0 | Page 9 of 29
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
0.25
0.50
0.75
1.00
1.25
1.50
VGN1 (V)
Figure 9. Channel to Chanel Gain Mismatch vs. VGN1; VGN2 = 0 V,
Bypass Mode at 500 MHz
60
–60
–50
–40
–30
–20
–10
0
10
20
30
40
50
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
FREQUENCY (GHz)
Figure 10. Gain vs. Frequency over VGN1/VGN2, 3 dB Gain Steps
55
51
52
53
54
1
1000
100
10
FREQUENCY (MHz)
36MHz FILTER
72MHz FILTER
144MHz FILTER
288MHz FILTER
432MHz FILTER
576MHz FILTER
720MHz FILTER
FILTER BYPASS
Figure 11. Gain vs. Frequency over all Bandwidth Settings;
VGN1 = VGN2 = 1.5 V (Logarithmic)
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
0.25
0.50
0.75
1.00
1.25
1.50
VGN2 (V)
Figure 12. Channel to Channel Gain Mismatch vs. VGN2; VGN1 = 1.5 V,
Bypass Mode at 500 MHz
60
–20
–10
0
10
20
30
40
50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FREQUENCY (MHz)
VPS = 3.15V
VPS = 3.3V
VPS = 3.45V
BYPASS
720MHz
576MHz
432MHz
288MHz
144MHz
72MHz
36MHz
TA = –40°C
TA = +25°C
TA = +85°C
Figure 13. Frequency Response over Supply and Temperature for 36 MHz,
144 MHz, 288 MHz, 432 MHz, 576 MHz, and 720 MHz Filter Corners and Bypass
55.0
54.5
54.0
53.5
53.0
52.5
52.0
51.5
51.0
50.5
50.0
1500
1300
1100
900
700
500
300
100
FREQUENCY (MHz)
36MHz FILTER
72MHz FILTER
144MHz FILTER
288MHz FILTER
432MHz FILTER
576MHz FILTER
720MHz FILTER
FILTER BYPASS
Figure 14. Gain vs. Frequency over all Bandwidth Settings;
VGN1 = VGN2 = 1.5 V (Linear)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com