Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6520ACPZ-R7
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6520ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet
ADRF6520
Rev. 0 | Page 21 of 29
adjusted. If the circuit must be dc-coupled, it must be coupled
to a subsequent stage with matching common mode. However,
if common-mode matching is not possible, take care to limit the
dc common-mode current that is used to shift the common
mode, or else poor linearity results are observed.
DC OFFSET COMPENSATION LOOP
In many signal processing applications, no information is
carried in the dc level. In fact, dc voltages and other low
frequency disturbances can often dominate the intended signal
and consume precious dynamic range in the analog path and
bits in the data converters. These dc voltages can be present
with the desired input signal or can be generated inside the
signal path by inherent dc offsets or other unintended signal-
dependent processes such as self mixing or rectification.
It is recommended to use ac coupling capacitors at the input and
output terminals of the ADRF6520. The ac coupling capacitors
at the input block any dc offset from the input getting into the
device. The coupling capacitors must be sufficiently large,
because they form a high pass filter with the100 Ω differential
input impedance plus any source impedance of the driving circuit.
The high-pass corners may need to be <1 kHz in some cases.
To address the issue of dc offsets generated inside the device, the
ADRF6520 provides a dc offset correction loop that nulls the
output differential dc level, as shown in Figure 68. The correction
loop can be disabled through the SPI port; however, when the
correction loop is disabled, the dc offsets can consume nearly
all of the output dynamic range, especially near maximum gain
settings, because of the large gain of the ADRF6520.
VGN2
FROM
6dB AMP
CHP
CHPx
ENABLE
BIT 5
30dB
VGA
OUTPUT ADC
DRIVER
BASEBAND
OUTPUTS
Figure 68. DC Offset Compensation Loop Operates Around the Second VGA
and ADC Driver
The offset control loop creates a high-pass corner, fHP, that is
superimposed on the normal Butterworth filter response when
filters are enabled. Typically, fHP is many orders of magnitude
lower than the lower programmed filter bandwidth so that there
is no interaction between them. Setting fHP is accomplished with
capacitors, from the CHP1 and CHP2 pins to ground, as shown
in Figure 68. Because the correction loop works around the
VGA sections, fHP is also dependent on the total gain of the
cascaded VGAs.
In general, the expression for fHP is given by
fHP (Hz) = 16.1 × VGA2 Linear Voltage Gain/COFS (µF)
where VGA2 Linear Voltage Gain is expressed in linear terms,
not in decibels (dB), and is the gain following the offset
correction amplifier, which excludes the all prior gain.
For example, the high-pass corner at maximum VGA2 gain,
30 dB, and with COFS = 1 µF, is calculated as follows:
Hz
1
.
509
1
20
30
10
1
.
16
)
Hz
(
=
=
HP
f
Note that fHP increases in proportion to the gain. For this reason,
choose COFS at the highest operating gain to guarantee that fHP is
always below the maximum limit required by the system.
PROGRAMMING THE ADRF6520
The filter frequency, filter bypass mode, chip enable, and dc offset
correction loop enable are programmed simultaneously through
the SPI port. A 24-bit register stores 8 data bits, 15 bits for
addressing, and 1 bit for a read/write instruction (see Table 5).
The SPI protocol allows these selections to be written into and
read out of the SDIO pin (see the timing diagrams in Figure 69).
The chip select bar (CS) pin must first go to a Logic 0 for a read
or write cycle to begin. On the next rising edge of the clock (SCLK),
a Logic 0 on the SDIO pin initiates a write cycle, whereas a Logic 1
on the SDIO pin initiates a read cycle. In a write cycle, the next
15 SCLK rising edges latch the desired 15-bit address, followed
by the 8-bit data word. The result is a 24-bit code, including the
first Logic 0 to initiate a write cycle. When CS goes high, the write
cycle is completed, and different codes are presented to the filter,
chip enable, and dc offset correction loop enable blocks that
require programming. In a read cycle, after writing in a Logic 1
for the read/write bit and the 15 address bits, the SDIO changes
from an input to an output in the ½ cycle of SCLK between the
last rising edge of SCLK of the instruction (read/write bit and
address bits) and the following falling edge. The next 8 SCLK
rising edges present the stored 8-bit word of data, MSB first on
the SDIO pin. When CS goes high, the read cycle is completed.
Detailed timing diagrams are shown in Figure 69.
NOISE CHARACTERISTICS
The output noise behavior of the ADRF6520 primarily depends
on the gain. Filter corner switching in ADRF6520 is achieved by
changing the on-chip capacitors and keeping the resistors constant,
which results in constant contribution from the filter to the total
noise, irrespective of the filter corner. In filter bypass mode, noise
contribution of the bypass switches is significantly lower than
the active filter, which results in roughly 1 dB lower NF in the
filter bypass mode than the filter mode, at maximum gain.
Each of the VGA sections used in the ADRF6520 contributes a
fixed noise spectral density to its respective output, independent
of the analog gain setting. When cascaded, the total noise
contributed by the VGAs at the output of the ADRF6520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com