Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6520ACPZ-R7
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6520ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Data Sheet
ADRF6520
Rev. 0 | Page 11 of 29
45
40
35
30
25
20
15
10
5
0
0
0.25
0.50
0.75
1.00
1.25
1.50
VGN1 (V)
36MHz
144MHz
720MHz
FILTER BYPASS
Figure 21. Noise Figure vs. VGN1 for 36 MHz, 144 MHz, 720 MHz, and Bypass;
VGN2 = 1.5 V
30
25
20
15
10
5
0
0
1.50
1.25
1.00
0.75
0.50
0.25
VGN2 (V)
36MHz FILTER
144MHz FILTER
720MHz FILTER
Figure 22. Noise Figure vs. VGN2 for 36 MHz, 144 MHz, 720 MHz;
VGN1 = 1.5 V
30
25
20
15
10
5
0
0
1.50
1.25
1.00
0.75
0.50
0.25
VGN2 (V)
100MHz BYPASS
500MHz BYPASS
Figure 23. Noise Figure vs. VGN2 for Bypass Mode; NSD at 100 MHz and
500 MHz; VGN1 = 1.5 V
–115
–140
–135
–130
–125
–120
0
0.25
0.50
0.75
1.00
1.25
1.50
VGN1 (V)
36MHz
144MHz
720MHz
FILTER BYPASS
Figure 24. Output NSD vs. VGN1 for 36 MHz, 144 MHz, 720 MHz, and Bypass;
VGN2 = 1.5 V
–115
–140
–135
–130
–125
–120
0
0.25
0.50
0.75
1.00
1.25
1.50
VGN2 (V)
36MHz
144MHz
720MHz
Figure 25. Output NSD vs. VGN2 for 36 MHz, 144 MHz, 720 MHz;
VGN1 = 1.5 V
–115
–140
–135
–130
–125
–120
0
0.25
0.50
0.75
1.00
1.25
1.50
VGN2 (V)
NSD AT 100MHz
NSD AT 500MHz
Figure 26. Output NSD vs. VGN2 for Bypass Mode; NSD at 100 MHz and
500 MHz; VGN1 = 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com