Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADRF6520ACPZ-R7
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADRF6520ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Data Sheet
ADRF6520
Rev. 0 | Page 19 of 29
THEORY OF OPERATION
36MHz TO 720MHz
PROGRAMMABLE
FILTERS
30dB
VVA
BASEBAND
INPUTS
BASEBAND
OUTPUTS
FILTER, CHIP ENABLE,
AND DC OFFSET LOOP
PROGRAMMING
SPI BUS
ANALOG
GAIN CONTROL
30mV/dB
6dB
SPI
INTERFACE
30dB
VVA
18dB
12dB
18dB
Figure 65. Signal Path Block Diagram for a Single Channel of the ADRF6520
The ADRF6520 consists of a matched pair of input VGAs
followed by programmable filters, 6 dB fixed gain amplifiers,
and finally another matched pair of variable gain amplifiers and
output ADC drivers. The filters can be bypassed and powered
down through the SPI interface for operation beyond the
maximum filter bandwidth. The block diagram of a single
channel is shown in Figure 65.
The programmability of the filter bandwidth through the SPI
offers great flexibility when coping with signals in the presence
of noise and large, undesired signals near the desired band. The
entire differential signal chain is dc-coupled. The bandwidth
and gain setting controls for the two channels are shared,
ensuring close matching of their magnitude and phase
responses. The ADRF6520 can be fully disabled through the
ENBL pin or the enable bit in the SPI register.
Filtering and amplification are fundamental operations in
any signal processing system. Filtering is necessary to select
the intended signal while rejecting out of band noise and
interferers. Amplification increases the level of the desired
signal to overcome noise added by the system. When used
together, filtering and amplification can extract a low level
signal of interest in the presence of noise and out of band
interferers. Such analog signal processing alleviates the
requirements on the analog, mixed signal, and digital
components that follow.
INPUT VGAs
The input VGAs are designed to have low noise and high
linearity. The VGAs have a differential input impedance of
100 Ω, maximum gain of 18 dB, and minimum gain of −12 dB,
providing a 30 dB gain range. They are designed to drive the
filters with up to 1.5 V p-p of undesired signal or 0.75 V p-p of
desired signal, or a combination of both. The input to the
ADRF6520 must be ac-coupled. The topology of the input VGA
is such that its noise figure (NF) degrades dB for dB as its gain
is reduced, although its high linearity is maintained across its
full input range. The input VGA can drive up to 3 V p-p at its
output; however, it is recommended that the VGA be kept to the
aforementioned limits to avoid overdriving the filter or 6 dB
fixed gain amplifier.
RMS DETECTOR
To measure the signal level at the critical interface of the VGA1
output and the programmable filter input, an rms detector was
implemented. The rms detector simultaneously measures both
channels at the VGA1 output and reports the sum of the two at
the VRMS pin. On-chip averaging capacitors set the minimum
settling time for the VRMS voltage to roughly 50 ns for most of
the signal measurement range. The on-chip capacitors can be
augmented by placing capacitors between the CFLT1 and CFLT2
pins and VPS. Off-chip capacitors are needed in most cases to
obtain an accurate rms measurement of the input signal, as well
as to reduce the modulation ripple in the VRMS output voltage.
The rms detector responds in a linear in volts manner, with the
VRMS voltage representing the rms value of the input signal
with the following relationship at maximum VGA1 gain:
VRMS = k × [RMS(ch1 input) + RMS(ch2 input)]
where RMS(x) is the root mean square value, and it is assumed
that sufficiently large filtering capacitors are chosen to allow
averaging of the modulation content.
The previous relationship applies at maximum VGA1 gain only.
When VGA1 gain is reduced, the VRMS output voltage also
decreases proportionately. Relating VRMS, the gain of VGA1
and the summation of the rms values of the channel inputs is
VRMS =
1(V/VRMS)(VGA1 Linear Voltage Gain)(RMS(ch1 input) +
RMS(ch2 input))
For example, if VGA1 is at its maximum gain of 18 dB, the
equation reduces down to
VRMS =
8(V/VRMS)(RMS(ch1 input) + RMS(ch2 input))
And at the VGA1 minimum gain of −12 dB, the equation
reduces down to
VRMS =
0.25(V/VRMS) × (RMS(ch1 input) + RMS(ch2 input))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com