Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF6520ACPZ-R7
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF6520ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
ADRF6520
Data Sheet
Rev. 0 | Page 18 of 29
10
1
0.1
0.01
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
INPUT POWER (dBm)
–40°C
+25°C
+85°C
Figure 63. Detector Output vs. Input Power (PIN) over Temperature,
VGN1 = 1.5 V, VGN2 = 0 V, Both Inputs Driven to Same Amplitude
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.5
1.0
1.5
2.0
2.5
OUTPUT SIGNAL LEVEL (V p-p)
+25°C, 3.15V
+25°C, 3.3V
+25°C, 3.45V
–40°C, 3.15V
–40°C, 3.3V
–40°C, 3.45V
+85°C, 3.15V
+85°C, 3.3V
+85°C, 3.45V
Figure 64. Detector Output Voltage vs. Output Signal Level (V p-p) over Supply
and Temperature, VGN1 = 1.5 V, VGN2 = 0 V, Both Inputs Driven to Same
Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com