Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6520ACPZ-R7
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6520ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ADRF6520
Data Sheet
Rev. 0 | Page 10 of 29
16
14
12
10
8
6
4
2
0
5
500
50
FREQUENCY (MHz)
36MHz FILTER
144MHz FILTER
720MHz FILTER
BYPASS MODE
Figure 15. Group Delay vs. Frequency for 36 MHz, 144 MHz,
720 MHz, and Bypass Mode
300
–300
–250
–200
–150
–100
–50
0
50
100
150
200
250
3
23
43
63
83
103
123
143
13
33
53
73
93
113
133
153
FREQUENCY (MHz)
36MHz FILTER
144MHz FILTER
Figure 16. IQ Group Delay Mismatch vs. Frequency for 36 MHz and 144 MHz
16
15
14
13
12
11
10
9
8
60
55
50
45
40
35
30
25
20
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
VGN2 (V)
OP1dB
GAIN
Figure 17. OP1dB vs. Gain at a Fundamental of 500 MHz
1.00
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1
1000
100
10
FREQUENCY (MHz)
36MHz FILTER
144MHz FILTER
720MHz FILTER
BYPASS MODE
Figure 18. IQ Amplitude Mismatch vs. Frequency for 36 MHz, 144 MHz,
720 MHz, and Bypass Mode
100
–100
–50
0
50
0
1250
1125
1000
875
750
625
500
375
250
125
FREQUENCY (MHz)
BYPASS MODE
720MHz FILTER
Figure 19. IQ Group Delay Mismatch vs. Frequency for 720 MHz and
Bypass Mode
440
410
380
350
420
390
360
430
400
370
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
3.15V, BYPASS
3.3V, BYPASS
3.45V, BYPASS
3.15V, 720MHz
3.3V, 720MHz
3.45V, 720MHz
3.15V, 36MHz
3.3V, 36MHz
3.45V, 36MHz
3.15V, 144MHz
3.3V, 144MHz
3.45V, 144MHz
Figure 20. Current Consumption vs. Temperature for 36 MHz, 144 MHz,
720 MHz, and Bypass Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com