Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADRF6520ACPZ-R7
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADRF6520ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Data Sheet
ADRF6520
Rev. 0 | Page 27 of 29
ENABLE/DISABLE FUNCTION
To enable the ADRF6520, pull the ENBL pin high and set the
enable bit in the SPI register (B8) to a logic 1 (by default, the
ADRF6520 powers up with B8 = 1). Either driving the ENBL pin
low or setting B8 = 0 disables the device, reducing current
consumption to approximately 1 mA at room temperature.
GAIN PIN DECOUPLING
The ADRF6520 has two analog gain control pins: VGN1 and
VGN2. Use at least one low inductance, surface-mount ceramic
capacitor with a value of 0.1 µF and one 1000 pF in parallel to
ground on each gain pin to decouple. An example of this can be
seen in the evaluation board schematic in the ADRF6520-
EVALZ user guide.
RMS DETECTOR CONNECTIONS
The ADRF6520 has an rms detector output on the VRMS pin,
with a scaling of 1 V/V rms differential at filter inputs. VRMS
output reports a scaled summation of the differential rms voltage
of both channels: 1 V/V rms × (CH1_RMS + CH2_RMS).
CFLT1 and CFLT2 control the averaging of the Channel 1 and
Channel 2 rms detectors, respectively. The user can leave these
pins open for the fastest response time. The equation relating
the VRMS output video bandwidth and the CFLT1 (or CFLT2)
capacitor is given by
Video BWRMS (Hz) = 0.0007/(130 pF + CFLTx)
where CFLTx is the value of either CFLT1 or CFLT2.
The VRMS pin can source up to 3 mA of current. The output
structure is an NPN emitter follower type, with a 9.5 kΩ resistor
placed from VRMS to ground, internally (see Figure 71). Do
not to load the VRMS output with any load less than 1 kΩ.
VRMS
3mA
MAXIMUM
9.5kΩ
1kΩ
MINIMUM
Figure 71. Simplified Schematic of VRMS Output
VGA2 GAIN STEP RESPONSE
VGA2 gain step response is affected by the dc offset correction
loop. The bandwidth of the loop is set by the value of the CHP1
and CHP2 capacitors. Changing the value of the CHPx capacitors
changes the signature and settling time of VGA2 gain step
response. Figure 62 in the Typical Performance Characteristics
section shows the VGA2 gain step response without the CHPx
capacitor installed. Settling time is approximately 3 µs, and there
are no transient events of any kind while the output settles. This
is not the case when there is a large capacitor placed on CHPx.
Figure 72 shows the VGA2 gain step response with a 1 µF capacitor
placed on CHPx. Settling time is increased to approximately
750 µs, and there is a large transient shift on the output. The user
wants to keep fHP as low as possible to minimize the corruption
of the low frequency spectral information. Care must be taken
when choosing the CHPx capacitor values, to find the correct
balance of the high-pass corner (fHP) imposed on the signal
paths vs. the VGA2 gain step response time. The larger the
CHPx capacitor, the lower fHP corner. The trade-off for lowering
fHP is longer VGA2 gain step response settling times and larger
transient values on the output.
The user must determine what their needs and priorities are for
their application and decide what specifications (fHP vs. VGA2
step response time) to trade-off to satisfy their total system
requirements.
CH2 500mV
CH4 500mV
M500µs
1
Figure 72. VGA2 Gain Step Response; C9 or C16 = 1 µF
LINEAR OPERATION OF THE ADRF6520
The ADRF6520 has multiple stages per channel. Each stage can
independently be driven into compression depending on the
gain settings and input signal level. There is only access to the
input stages (INP1/INM1 and INP2/INM2) and the output
stages (OPP1/OPM2 and OPP2/OPM2); therefore, the user
must infer the signal level at the input and output of each stage
from the device under test (DUT) input signal level and the
analog gain settings. The maximum recommended signal levels
are shown in Figure 73. Signal levels are presented in units of
V p-p differential, and their equivalent power in dBm re:100 Ω.
OPP1/OPP2
OPM1/OPM2
INP1/INP2
INM1/INM2
VGN1
VGN2
4.0
3.56
3.1
+12
3.56
+12
2.25
+8
3.56
+12
+13
POWER (dBm re: 100Ω)
VOLTAGE (V p-p)
+10.8
Figure 73. Maximum Signal Levels—Single Channel Shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com