Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF6520ACPZ-R7
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF6520ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
ADRF6520
Data Sheet
Rev. 0 | Page 14 of 29
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
VGN1 (V)
–40°C, 3.15V
–40°C, 3.3V
–40°C, 3.45V
+25°C, 3.45V
+25°C, 3.15V
+25°C, 3.3V
+85°C, 3.15V
+85°C, 3.3V
+85°C, 3.45V
UPPER TONE
LOWER TONE
Figure 39. IMD2 vs. VGN1 over Supply and Temperature, VGN2 = 0 V,
1.5 V p-p Composite at Output, 720 MHz Filter Corner
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
VGN2 (V)
–40°C, 3.15V
–40°C, 3.3V
–40°C, 3.45V
+25°C, 3.45V
+25°C, 3.15V
+25°C, 3.3V
+85°C, 3.15V
+85°C, 3.3V
+85°C, 3.45V
UPPER TONE
LOWER TONE
Figure 40. IMD2 vs. VGN2 over Supply and Temperature, VGN1 = 1.5 V,
1.5 V p-p Composite at Output, 36 MHz Filter Corner
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VGN2 (V)
–40°C, 3.15V
–40°C, 3.3V
–40°C, 3.45V
+25°C, 3.45V
+25°C, 3.15V
+25°C, 3.3V
+85°C, 3.15V
+85°C, 3.3V
+85°C, 3.45V
UPPER TONE
LOWER TONE
Figure 41. IMD2 vs. VGN2 over Supply and Temperature, VGN1 = 1.5 V,
1.5 V p-p Composite at Output, 144 MHz Filter Corner
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
VGN1 (V)
–40°C, 3.15V
–40°C, 3.3V
–40°C, 3.45V
+25°C, 3.45V
+25°C, 3.15V
+25°C, 3.3V
+85°C, 3.15V
+85°C, 3.3V
+85°C, 3.45V
Figure 42. IMD3 vs. VGN1 over Supply and Temperature, VGN2 = 0 V,
1.5 V p-p Composite at Output, 720 MHz Filter Corner
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0
0.1 0.2 0.3
VGN2 (V)
–40°C, 3.15V
–40°C, 3.3V
–40°C, 3.45V
+25°C, 3.45V
+25°C, 3.15V
+25°C, 3.3V
+85°C, 3.15V
+85°C, 3.3V
+85°C, 3.45V
Figure 43. IMD3 vs. VGN2 over Supply and Temperature, VGN1 = 1.5 V,
1.5 V p-p Composite at Output, 36 MHz Filter Corner
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0
0.1 0.2 0.3
VGN2 (V)
–40°C, 3.15V
–40°C, 3.3V
–40°C, 3.45V
+25°C, 3.45V
+25°C, 3.15V
+25°C, 3.3V
+85°C, 3.15V
+85°C, 3.3V
+85°C, 3.45V
Figure 44. IMD3 vs. VGN2 over Supply and Temperature, VGN1 = 1.5 V,
1.5 V p-p Composite at Output, 144 MHz Filter Corner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com