Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6520ACPZ-R7
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6520ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Data Sheet
ADRF6520
Rev. 0 | Page 23 of 29
The most challenging scenario in terms of dynamic range is the
presence of a large out of band blocker accompanying a weaker
in-band wanted signal. In this case, the maximum input level is
dictated by the blocker and its inclination to cause distortion.
After filtering, the weak wanted signal must be amplified to the
desired output level, possibly requiring the maximum gain on
VGA2. In such a case, both the distortion limits associated with
the blocker at the input and the SNR limits created by the
weaker signal and higher gains are present simultaneously.
Furthermore, not only does the blocker scenario degrade the
dynamic range, it also reduces the range of input signals that
can be handled because a larger part of the gain range is used
to extract the weak desired signal from the stronger blocker.
KEY PARAMETERS FOR QUADRATURE-BASED
RECEIVERS
The majority of digital communication receivers use quadrature
signaling, in which bits of information are encoded onto pairs of
baseband signals that then modulate in-phase (I) and quadrature
(Q) sinusoidal carriers. Both the baseband and modulated signals
appear quite complex in the time domain with dramatic peaks
and valleys. In a typical receiver, the goal is to recover the pair
of quadrature baseband signals in the presence of noise and
interfering signals after quadrature demodulation. In the process
of filtering out of band noise and unwanted interferers and
restoring the levels of the wanted I and Q baseband signals, it
is critical to retain their gain and phase integrity over the
bandwidth.
In filter mode, the ADRF6520 delivers flat, in band gain and
group delay, consistent with a four-pole Butterworth prototype
filter, as described in the Programmable Filters section.
Furthermore, careful design ensures excellent matching of these
parameters between the I and Q channels. Although absolute
gain flatness and group delay can be corrected with digital
equalization, mismatch introduces quadrature errors and
intersymbol interference that degrade bit error rates in digital
communication systems.
For signals greater than 720 MHz of bandwidth, the filters can
be bypassed, and the ADRF6520 then becomes a dual cascaded
chain of two VGAs, offering a large gain range while maintaining
gain and group delay match between the two channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com