Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6520ACPZ-R7
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6520ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
ADRF6520
Data Sheet
Rev. 0 | Page 12 of 29
60
50
40
30
20
10
0
0
0.25
0.50
0.75
1.00
1.25
1.50
VGN1 (V)
VGN2 = 0V
VGN2 = 0.2V
VGN2 = 0.4V
VGN2 = 0.6V
VGN2 = 0.8V
VGN2 = 1V
VGN2 = 1.2V
VGN2 = 1.4V
VGN2 = 1.6V
Figure 27. Noise Figure vs. VGN1 over VGN2, Bypass Mode
–80
–150
–140
–130
–120
–110
–100
–90
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
INPUT BLOCKER LEVEL (dBV)
36MHz
fC, GAIN = 54dB
144MHz
fC, GAIN = 54dB
720MHz
fC, GAIN = 54dB
36MHz
fC, GAIN = 39dB
144MHz
fC, GAIN = 39dB
720MHz
fC, GAIN = 39dB
36MHz
fC, GAIN = 24dB
144MHz
fC, GAIN = 24dB
720MHz
fC, GAIN = 24dB
Figure 28. Output NSD vs. Input Blocker Level over VGA2 Gain and
Filter Corners; VGN1 = 1.5 V
–50
–55
–60
–65
–70
–75
–100
–90
–95
–85
–80
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
VGN1 (V)
–40°C, 3.15V
–40°C, 3.3V
–40°C, 3.45V
+25°C, 3.45V
+25°C, 3.15V
+25°C, 3.3V
+85°C, 3.15V
+85°C, 3.3V
+85°C, 3.45V
Figure 29. HD2 vs. VGN1 over Supply and Temperature, VGN2 = 0 V,
1.5 V p-p at Output, Bypass Mode
–115
–140
–135
–130
–125
–120
0
0.25
0.50
0.75
1.00
1.25
1.50
VGN1 (V)
VGN2 = 0V
VGN2 = 0.2V
VGN2 = 0.4V
VGN2 = 0.6V
VGN2 = 0.8V
VGN2 = 1.0V
VGN2 = 1.2V
VGN2 = 1.4V
VGN2 = 1.6V
Figure 30. Output NSD vs. VGN1 over VGN2; Bypass Mode
30
25
20
15
10
5
0
–50 –40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
36MHz
fC; VGN1/VGN2 = 1.5V/0V
720MHz
fC; VGN1/VGN2 = 1.5V/0V
FILTER BYPASS; VGN1/VGN2 = 1.5V/0V
36MHz
fC; VGN1/VGN2 = 1.5V/1.5V
720MHz
fC; VGN1/VGN2 = 1.5V/1.5V
FILTER BYPASS; VGN1/VGN2 = 1.5V/1.5V
Figure 31. Noise Figure vs. Temperature over Bandwidth and Gain
VGN1 (V)
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–50
–55
–60
–65
–70
–75
–100
–90
–95
–85
–80
–40°C, 3.15V
–40°C, 3.3V
–40°C, 3.45V
+25°C, 3.45V
+25°C, 3.15V
+25°C, 3.3V
+85°C, 3.15V
+85°C, 3.3V
+85°C, 3.45V
Figure 32. HD3 vs. VGN1 over Supply and Temperature, VGN2 = 0 V,
1.5 V p-p at Output, Bypass Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com