Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6520ACPZ-R7
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6520ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
ADRF6520
Data Sheet
Rev. 0 | Page 22 of 29
increases gradually with higher gain. This behavior is apparent
in the noise floor variation at different VGA gain settings.
At low values of the VGA2 gain, the noise at the output is the
flat spectral density contributed by VGA2. As the VGA2 gain
increases, more of the filter and VGA1 noise is gained up by
VGA2, and the noise of the filter and VGA1 appears at the
output.
Because the noise spectral density outside the filter bandwidth
is limited by the VGA output noise, it may be necessary to use
an external, fixed frequency, passive filter prior to analog-to-
digital conversion to prevent noise aliasing from degrading the
signal-to-noise ratio (SNR). A higher sampling rate, relative to
the maximum required ADRF6520 corner frequency setting,
reduces the order and complexity of this external filter.
DISTORTION CHARACTERISTICS
To maintain low distortion through the cascaded VGAs and
filter of the ADRF6520, consider the distortion limits of each
stage. The first VGA has higher signal handling capability and
slightly more bandwidth than the 6 dB amplifier and VGA2,
because it must cope with out of band signals that can be larger
than the in-band signals. In filter mode, these out of band
signals are filtered before reaching the 6 dB amplifier and
VGA2. It is important to understand the signals presented to
the ADRF6520 and to match these signals with the input and
output characteristics of the device. It is useful to partition the
ADRF6520 into the front end (composed of VGA1 and the filter)
and the back end (composed of the 6 dB amplifier and VGA2).
VGA1 can handle a 4 V p-p signal at a maximum analog
attenuation setting (VGN1 = 0 V) without experiencing
appreciable distortion at the input. In most applications, VGA1
gain must be adjusted such that the maximum signal presented
at the filter inputs (or the input of the 6 dB amplifier in filter
bypass mode) is <1.5 V p-p. At this level, the front end does not
limit the distortion performance. The rms detector output,
VRMS, can be used as an indicator of the signal level present at
this critical interface. Choose the second VGA gain such that its
output levels do not exceed 1.5 V p-p if the user wants to
achieve better than 55 dBc HD2/HD3 linearity.
For these signal level considerations, it is recommended that the
out of band signal, if larger than the desired in-band signal, be
addressed. In filter mode, such an out of band signal only
affects the VGA1 operation, because it is filtered out by the
filter and does not affect the following stages. In this case, a
high VGA2 gain may be needed to raise the small desired signal
to a higher level at the output. In filter bypass mode, such out of
band signals may need to be filtered prior to the ADRF6520.
The overall distortion introduced by the device depends on the
input drive level, including the out of band signals, and the desired
output signal level. To achieve best distortion performance and
the desired overall gain, keep in mind the maximum signal levels
indicated previously in this section when selecting different
VGA gains.
To distinguish and quantify the distortion performance of the
input section, two different IP2 and IP3 specifications are
presented. The first is called in-band IP2/IP3 and refers to a
two-tone test where the signals are inside the filter bandwidth.
This specification is exactly the same figure of merit familiar
to communications engineers in which the second-order and
third-order intermodulation levels, IMD2 and IMD3
respectively, are measured.
To quantify the effect of out of band signals, an out of band IIP2
and IIP3 figure of merits are introduced. These tests also involve
two-tone stimulus; however, the two tones are placed out of
band so that the lower IMD product falls in the middle of the
filter pass band. At the output, only the IMD product is visible
because the original two tones are filtered out. To calculate the
out of band IIP2/IIP3 at the input, the IMD2/IMD3 level is
referred to the input by the overall gain. The out of band
IIP2/IIP3 allows the user to predict the impact of out of band
blockers or interferers at an arbitrary signal level on the in-band
performance. The ratio of the desired input signal level to the
input referred IMD2/IMD3 at a given blocker level represents a
signal-to-distortion limit imposed by the out of band signals.
MAXIMIZING THE DYNAMIC RANGE
When used in filter mode, the role of the ADRF6520 is to increase
the level of a variable in-band signal while minimizing out of
band signals. Ideally, this increase is achieved without degrading
the SNR of the incoming signal or introducing distortion to the
incoming signal.
The first goal is to maximize the output signal swing, which can
be defined by the ADC input range or the input signal capacity
of the next analog stage. For the complex waveforms often
encountered in communication systems, the peak to average
ratio, or crest factor, must be considered when choosing the
peak-to-peak output. From the chosen output signal and the
maximum gain of the ADRF6520, the minimum input level can
be defined.
As the input signal level increases, the VGA2 gain is reduced
from its maximum gain point to maintain the desired fixed
output level. VGA1 can then be adjusted as the input signal
level keeps increasing. This sequencing of the gain maintains
the best NF for the cascaded chain. The output noise, initially
dominated by the filter and VGA1 combination, follows the
gain reduction, yielding a progressively better SNR. At some
point, the VGA2 gains drop sufficiently so that their noise
becomes dominant, resulting in a slower reduction in SNR from
that point. From the perspective of SNR alone, the maximum
input level is reached when the VGA1 reaches its minimum gain.
Distortion must also be considered when maximizing the
dynamic range. At low and moderate signal levels, the output
distortion is constant and assumed to be adequate for the
selected output level. At some point, the input signal becomes
large enough that distortion at the input limits the system. This
distortion can be kept in check by monitoring the rms detector
voltage, VRMS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com