Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6520ACPZ-R7
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6520ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
ADRF6520
Data Sheet
Rev. 0 | Page 20 of 29
The RC time constant that, to a first order, dictates the rise and
fall times of the rms output is expressed with the following
equation:
τ (sec) = 500 Ω × (100 pF + CFLTx)
where CFLTx is either the external CFLT1 value or CFLT2 value.
Therefore, for the example of CFLTx = 0 (no external capacitor),
the settling time is 50 ns; and if CFLTx = 1 nF, the settling time is
550 ns. Note that this is the 90% settling time of the rms detector.
There is a slight dependency on input power level, wherein larger
input signals to the rms detector cause it to settle more quickly.
Also, the settling time varies with temperature. The simple
equation, shown previously, is given for guidance so that the
user can set the settling times within an order of magnitude of
where they want it to be. If settling time is important, some
experimentation by the user is necessary to optimize the CFLTx
value for their system.
PROGRAMMABLE FILTERS
The integrated programmable filter is the key signal processing
function in the ADRF6520. The filters follow a four-pole
Butterworth type response that provides minimum in-band
ripple and group delay variation, and good out of band rejection.
The −1 dB bandwidth is programmed from 36 MHz to 720 MHz
in six steps via the SPI, as described in the Programming the
ADRF6520 section. The quoted corner frequency is the −1 dB
point; the ADRF6520 has filter corners at 36 MHz, 72 MHz, 144
MHz, 288 MHz, 432 MHz, 576 MHz, and 720 MHz.
The filters are designed so that the gain and phase responses vs.
frequency are retained for any bandwidth setting. Figure 66 and
Figure 67 illustrate the ideal four-pole Butterworth response.
The group delay, τG, is defined as
τG = −∂φ/∂ω
where:
φ is the phase in radians.
ω = 2πf is the frequency in radians per second.
Note that for a frequency scaled filter prototype, the absolute
magnitude of the group delay scales inversely with the
bandwidth; however, the shape is retained. For example, the
peak group delay for a 36 MHz bandwidth setting is 20× more
than for a 720 MHz setting.
The corner frequency of the filters is defined by the on-chip
RC product, which can vary by ±20% over manufacturing
variations. Therefore, all the devices are factory calibrated for
corner frequency, resulting in a residual ±8% corner frequency
variation over the −40°C to +85°C temperature range. Although
absolute accuracy requires calibration, the matching of RC
products between the pair of channels is better than 1% by
observing careful design and layout practices. Calibration and
excellent matching ensure that the magnitude and group delay
responses of both channels track together, a critical requirement
for digital IQ-based communication systems.
20
–160
–140
–120
–100
–80
–60
–40
–20
0
1M
10M
100M
1G
10G
100G
FREQUENCY (Hz)
36MHz
72MHz
144MHz
288MHz
432MHz
576MHz
720MHz
Figure 66. Ideal Fourth-Order Butterworth Magnitude Response for All 1 dB
Bandwidths Programmed
18
0
2
4
6
8
10
12
14
16
1M
10M
100M
1G
10G
100G
FREQUENCY (Hz)
36MHz
72MHz
144MHz
288MHz
432MHz
576MHz
720MHz
Figure 67. Ideal Fourth-Order Butterworth Group Delay Response for All 1 dB
Bandwidths Programmed
Bypassing the Filters
For bandwidth applications greater than 720 MHz, the filters of
the ADRF6520 can be bypassed via the SPI. In filter bypass mode,
filters are disabled and power consumption is significantly
reduced. The bandwidth of cascaded VGAs is fully realized in
the filter bypass mode.
VARIABLE GAIN AMPLIFIERS
The second VGA, VGA2, is based on the same architecture as the
input VGA, with 12 dB maximum gain and minimum gain of
−18 dB, providing a 30 dB gain range controlled with a separate
high impedance gain control input, the VGN2 pin. The basic
VGA structure of the second VGA is identical to that of the first
VGA. However, the VGA2 details vary slightly from VGA1 to
produce a higher noise figure.
OUTPUT BUFFERS/ADC DRIVERS
The low impedance (<20 Ω) output buffers of the ADRF6520
have 18 dB of gain and are designed to drive either ADC inputs or
subsequent amplifier stages. They are capable of delivering up to
3.5 V p-p composite two-tone signals into 100 Ω differential
loads with >50 dBc IMD3. The output common-mode of the
ADC driver is set internally to mid supply and cannot be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com