Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADRF6520ACPZ-R7
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRF6520ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6520ACPZ-R7 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
ADRF6520
Data Sheet
Rev. 0 | Page 26 of 29
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 70 shows the basic connections for a typical ADRF6520
application.
SUPPLY DECOUPLING
Apply a nominal supply voltage of 3.3 V to the supply pins, VPS
and VPSD. The supply voltage must not exceed 3.45 V or drop
below 3.15 V for VPS and VPSD. Decouple each supply pin to
ground with at least one low inductance, surface-mount
ceramic capacitor of 0.1 μF placed as close as possible to the
ADRF6520 device.
The ADRF6520 has two separate supplies: one analog supply
and one digital supply. Take care to separate the analog and
digital supplies with a large surface-mount inductor of 33 μH.
Then decouple each supply separately to its respective ground
through a 10 μF capacitor.
INPUT SIGNAL PATH
Each signal path has an input VGA, accessed through the INP1,
INM1, INP2, and INM2 pins, which sets a differential input
impedance of 100 Ω.
The inputs can be dc-coupled or ac-coupled, but ac coupling is
preferred. There is no mechanism to change the common-mode
voltage; therefore, if the user wants to dc-couple, the common-
mode voltage of the previous stage must match the ADRF6520
input common-mode voltage of 1.375 V.
OUTPUT SIGNAL PATH
The low impedance (20 Ω) output buffers are designed to drive
a 100 Ω impedance load, but can drive larger resistive loads.
The output pins (OPP1, OPM1, OPP2, and OPM2) sit at a
nominal output common-mode voltage of 1.65 V. The outputs
can be dc-coupled or ac-coupled; however, ac coupling is
preferred. There is no mechanism to change the output
common-mode voltage; therefore, if the user wants to dc-
couple, the common-mode voltage of the following stage must
match the ADRF6520 output common-mode voltage of 1.65 V.
DC OFFSET COMPENSATION LOOP ENABLED
When the dc offset compensation loop is enabled via Bit B5 of
the SPI register, the ADRF6520 can null the output differential
dc level. The loop is enabled by setting Bit B5 to 1. The offset
compensation loop creates a high-pass corner frequency, which
is proportional to the value of the capacitors that are connected
from the CHP1 and CHP2 pins to ground. For more
information about setting the high-pass corner frequency, see
the DC Offset Compensation Loop section.
SERIAL PORT CONNECTIONS
The ADRF6520 has a SPI port to control the filter bandwidth,
chip enable, and dc offset compensation loop. Data can be
written to the internal 24-bit register and read from the register.
It is recommended that low-pass RC filtering be placed on the
SPI lines to filter out any high frequency glitches. See the
evaluation board schematic in the ADRF6520-EVALZ user
guide for an example of a low-pass RC filter.
COM
COM
INP2
INM2
INP1
INM1
CFLT1
ADRF6520
VPS
VPSD
VPS
VPS
VPS
OUTPUT1 (+)
INPUT1 (–)
0.1µF
INPUT1 (+)
INPUT2 (+)
INPUT2 (–)
OUTPUT1 (–)
OUTPUT2 (–)
OUTPUT2 (+)
0.1µF
0.1µF
0.1µF
0.01µF
CFLT2
0.01µF
1nF
1nF
VPS
SERIAL
CONTROL
INTERFACE
SERIAL
CONTROL
INTERFACE
1µF
1µF
0.1µF
VPSD
VPS
COM
COMD
10µF
10µF
33µH
33µH
OPP1
OPM1
COM
VGN1
VGN2
COM
OPM2
OPP2
Figure 70. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com