Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYNPWM Datasheet(PDF) 36 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 36 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 32Page - Feeling Technology Corp. SYNPWM Datasheet HTML 33Page - Feeling Technology Corp. SYNPWM Datasheet HTML 34Page - Feeling Technology Corp. SYNPWM Datasheet HTML 35Page - Feeling Technology Corp. SYNPWM Datasheet HTML 36Page - Feeling Technology Corp. SYNPWM Datasheet HTML 37Page - Feeling Technology Corp. SYNPWM Datasheet HTML 38Page - Feeling Technology Corp. SYNPWM Datasheet HTML 39Page - Feeling Technology Corp. SYNPWM Datasheet HTML 40Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.36/FM8P73B
FEELING
TECHNOLOGY
3.0
INSTRUCTION SET
Mnemonic,
Operands
Description
Operation
Cycles
Status
Affected
BCR
R, bit Clear bit in R
0  R<b>
1
-
BSR
R, bit Set bit in R
1  R<b>
1
-
BTRSC
R, bit Test bit in R, Skip if Clear
Skip if R<b> = 0
1/2(1)
-
BTRSS
R, bit Test bit in R, Skip if Set
Skip if R<b> = 1
1/2(1)
-
NOP
No Operation
No operation
1
-
CLRWDT
Clear Watchdog Timer
00h  WDT,
00h  WDT prescaler
1
TO
̅̅̅̅, PD
̅̅̅̅
SLEEP
Go into power-down mode
00h  WDT,
00h  WDT prescaler
1
TO
̅̅̅̅, PD
̅̅̅̅
RETURN
Return from subroutine
Top of Stack  PC
2
-
RETFIE
Return from interrupt, set GIE bit
Top of Stack  PC,
1  GIE
2
-
CLRA
Clear ACC
00h  ACC
1
Z
CLRR
R
Clear R
00h  R
1
Z
MOVAR
R
Move ACC to R
ACC  R
1
-
MOVR
R, d
Move R
R  dest
1
Z
DECR
R, d
Decrement R
R - 1  dest
1
Z
DECRSZ
R, d
Decrement R, Skip if 0
R - 1  dest,
Skip if result = 0
1/2(1)
-
INCR
R, d
Increment R
R + 1  dest
1
Z
INCRSZ
R, d
Increment R, Skip if 0
R + 1  dest,
Skip if result = 0
1/2(1)
-
ADDAR
R, d
Add ACC and R
R + ACC  dest
1
C, DC, Z
SUBAR
R, d
Subtract ACC from R
R - ACC  dest
1
C, DC, Z
ANDAR
R, d
AND ACC with R
ACC and R  dest
1
Z
IORAR
R, d
Inclusive OR ACC with R
ACC or R  dest
1
Z
XORAR
R, d
Exclusive OR ACC with R
R xor ACC  dest
1
Z
COMR
R, d
Complement R
R
̅  dest
1
Z
RLR
R, d
Rotate left R through Carry
R<7>  C,
R<6:0>  dest<7:1>,
C  dest<0>
1
C
RRR
R, d
Rotate right R through Carry
C  dest<7>,
R<7:1>  dest<6:0>,
R<0>  C
1
C
SWAPR
R, d
Swap R
R<3:0>  dest<7:4>,
R<7:4>  dest<3:0>
1
-
MOVIA
I
Move Immediate to ACC
I  ACC
1
-
ANDIA
I
AND Immediate with ACC
ACC and I  ACC
1
Z
IORIA
I
OR Immediate with ACC
ACC or I  ACC
1
Z
XORIA
I
Exclusive OR Immediate to ACC
ACC xor I  ACC
1
Z
RETIA
I
Return, place Immediate in ACC
I  ACC,
Top of Stack  PC
2
-
CALL
I
Call subroutine
PC + 1  Top of Stack,
I  PC<10:0>
2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com