Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYNPWM Datasheet(PDF) 28 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 28 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 24Page - Feeling Technology Corp. SYNPWM Datasheet HTML 25Page - Feeling Technology Corp. SYNPWM Datasheet HTML 26Page - Feeling Technology Corp. SYNPWM Datasheet HTML 27Page - Feeling Technology Corp. SYNPWM Datasheet HTML 28Page - Feeling Technology Corp. SYNPWM Datasheet HTML 29Page - Feeling Technology Corp. SYNPWM Datasheet HTML 30Page - Feeling Technology Corp. SYNPWM Datasheet HTML 31Page - Feeling Technology Corp. SYNPWM Datasheet HTML 32Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.28/FM8P73B
FEELING
TECHNOLOGY
Example 2.5: Typical Watchdog Reset
Address
Code
NA
#include
<8P73B.ASH>
…
n
CLRWDT
n+1
MOVIA
0x07
n+2
MOVAR
WDTCON
;Sleep: 2.56S + Wakeup:20mS
n+3
…
n+4
…
n+5
SLEEP
n+6
NOP
…
…
0x3FF
GOTO
START
2.6
Reset
FM8P73B device may be RESET in one of the following ways:
1.
Power-on Reset (POR)
2.
Brown-out Reset (BOR)
3.
RSTB Pin Reset
4.
WDT time-out Reset
Some registers are not affected in any RESET condition. Their status is unknown on Power-on Reset and
unchanged in any other RESET. Most other registers are reset to a “reset state” on Power-on Reset, RSTB or
WDT Reset.
A Power-on RESET pulse is generated on-chip when Vdd rise is detected. To use this feature, the user merely
ties the RSTB pin to Vdd.
On-chip Low Voltage Detector (LVDT) places the device into reset when Vdd is below a fixed voltage. This
ensures that the device does not continue program execution outside the valid operation Vdd range. Brown-out
RESET is typically used in AC line or heavy loads switched applications.
A RSTB or WDT Wake-up from SLEEP also results in a device RESET, and not a continuation of operation before
SLEEP.
The TO
̅̅̅̅ and PD
̅̅̅̅ bits (STATUS<4:3>) are set or cleared depending on the different reset conditions.
2.6.1
Power-up Reset Timer(PWRT)
The Power-up Reset Timer provides a nominal 20ms delay after Power-on Reset (POR), Brown-out Reset (BOR),
RSTB Reset or WDT time-out Reset. The device is kept in reset state as long as the PWRT is active.
The PWDT delay will vary from device to device due to Vdd, temperature, and process variation.
Figure 2.7: Reset Timing
Note: TPWRT = 20mS
Case1: LVDT ON, RSTB Disable
Internal Reset
PWRT time-out
TPWRT
VDD
VLVDT
VLVDT
WDT Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com