Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYNPWM Datasheet(PDF) 17 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 17 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 13Page - Feeling Technology Corp. SYNPWM Datasheet HTML 14Page - Feeling Technology Corp. SYNPWM Datasheet HTML 15Page - Feeling Technology Corp. SYNPWM Datasheet HTML 16Page - Feeling Technology Corp. SYNPWM Datasheet HTML 17Page - Feeling Technology Corp. SYNPWM Datasheet HTML 18Page - Feeling Technology Corp. SYNPWM Datasheet HTML 19Page - Feeling Technology Corp. SYNPWM Datasheet HTML 20Page - Feeling Technology Corp. SYNPWM Datasheet HTML 21Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.17/FM8P73B
FEELING
TECHNOLOGY
2.1.9
INTEN (Interrupt Mask Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
15h (r/w)
INTEN
GIE
ADCIE
PBIE
-
-
T3IE
T2IE
T1P1IE
Legend: - = unimplemented, read as ‘0’.
GIE : Global interrupt enable bit.
= 1, Enable all un-masked interrupts.
= 0, Disable all interrupts.
Note : When an interrupt event occurred with the GIE bit and its corresponding interrupt enable bits are set,
the GIE bit will be cleared by hardware to disable any further interrupts. The RETFIE instruction will
exit the interrupt routine and set the GIE bit to re-enable interrupt.
ADCIE : ADC conversion completed interrupt enable bit.
= 1, Enable interrupt.
= 0, Disable interrupt.
PBIE : PORTB interrupt enable
= 1, Enable interrupt.
= 0, Disable interrupt.
T3IE : Timer2 underflow interrupt enable bit.
= 1, Enable interrupt.
= 0, Disable interrupt.
T2IE : Timer2 underflow interrupt enable bit.
= 1, Enable interrupt.
= 0, Disable interrupt.
T1P1IE : Timer1 / PWM1 underflow interrupt enable bit.
= 1, Enable interrupt.
= 0, Disable interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com