Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYNPWM Datasheet(PDF) 20 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 20 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 16Page - Feeling Technology Corp. SYNPWM Datasheet HTML 17Page - Feeling Technology Corp. SYNPWM Datasheet HTML 18Page - Feeling Technology Corp. SYNPWM Datasheet HTML 19Page - Feeling Technology Corp. SYNPWM Datasheet HTML 20Page - Feeling Technology Corp. SYNPWM Datasheet HTML 21Page - Feeling Technology Corp. SYNPWM Datasheet HTML 22Page - Feeling Technology Corp. SYNPWM Datasheet HTML 23Page - Feeling Technology Corp. SYNPWM Datasheet HTML 24Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.20/FM8P73B
FEELING
TECHNOLOGY
2.1.14
ADDATL, ADDATH (AD conversion data high and low)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
1Ah (r)
ADDATL
D1
D0
-
-
-
-
-
-
1Bh (r)
ADDATH
D9
D8
D7
D6
D5
D4
D3
D2
Legend: - = unimplemented, read as ‘0’.
The ADDATL and ADDATH registers is ADC conversion result. When ADC conversion is completed, the result is
loaded into ADDATL and ADDATH, the ADCEN bit will be cleared, and the ADCIF bit will be set (if ADCIE are set).
2.1.15
APHCON, BPHCON (Port A and Port B Pull-high Control)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
1Dh(r/w)
APHCON
-
-
PHA5
PHA4
PHA3
PHA2
PHA1
PHA0
1Eh(r/w)
BPHCON
PHB7
PHB6
PHB5
PHB4
-
PHB2
PHB1
PHB0
Legend: - = unimplemented, read as ‘0’.
Those registers are used to setup pull-high resistor enable/disable of each IO pins.
= 1,
= 0,
Pull-high resistor enable.
Pull-high resistor disable.
2.1.16
INTPB (Port B Interrupt / Wakeup control)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
20h(r/w)
INTPB
PB7IEN
PB6IEN
PB5IEN
PB4IEN
PB3IEN
PB2IEN
PB1IEN
PB0IEN
This register is used to enable/disable the interrupt/wakeup function of Port B. Please refer to 2.7.1 for detail
description of External Interrupt and Wake up function.
= 1,
= 0,
Selected IO interrupt/wakeup enable.
Selected IO interrupt/wakeup disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com