Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYNPWM Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 4 Page - Feeling Technology Corp.

  SYNPWM Datasheet HTML 1Page - Feeling Technology Corp. SYNPWM Datasheet HTML 2Page - Feeling Technology Corp. SYNPWM Datasheet HTML 3Page - Feeling Technology Corp. SYNPWM Datasheet HTML 4Page - Feeling Technology Corp. SYNPWM Datasheet HTML 5Page - Feeling Technology Corp. SYNPWM Datasheet HTML 6Page - Feeling Technology Corp. SYNPWM Datasheet HTML 7Page - Feeling Technology Corp. SYNPWM Datasheet HTML 8Page - Feeling Technology Corp. SYNPWM Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.4/FM8P73B
FEELING
TECHNOLOGY
PIN DESCRIPTIONS
Name
I/O
Description
IOA0 ~ IOA5
I/O
Bi-direction I/O pin
Software controlled pull-high
A/D converter input
IOA0 is PWM1P output (by option, default)
IOA1 is PWM1N output (by option)
IOB0 ~ IOB2
I/O
Bi-direction I/O pin with system wake-up/pin change interrupt function
Software controlled pull-high
A/D converter input
IOB1 is PWM1P output(by option)
IOB2 is External CLK input for Timer
IOB3/RSTB
I
Input pin only with system wake-up/pin change interrupt function; voltage on this
pin must not exceed VDD.
System clear (RESET) input. This pin is an active low RESET to the device
IOB4/OSCO
I/O
Bi-direction I/O port with system wake-up/pin change interrupt function
Software controlled pull-high
Oscillator output (HF, XT, LF, ERC mode)
IOB5/OSCI
I/O
Bi-direction I/O port with system wake-up/pin change interrupt function (IRC mode)
Software controlled pull-high
Oscillator input (HF, XT, LF, ERC mode)
IOB6 ~ IOB7
I/O
Bi-direction I/O pin with system wake-up/pin change interrupt function
Software controlled pull-high
A/D converter input
VR
-
ADC module reference input, voltage on this pin must not exceed VDD.
VDD
-
Positive supply
VSS
-
Ground
Legend: I=input, O=output, I/O=input/output
Note: Please refer to 2.2 for detail IO type description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com