Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYNPWM Datasheet(PDF) 11 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 11 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 7Page - Feeling Technology Corp. SYNPWM Datasheet HTML 8Page - Feeling Technology Corp. SYNPWM Datasheet HTML 9Page - Feeling Technology Corp. SYNPWM Datasheet HTML 10Page - Feeling Technology Corp. SYNPWM Datasheet HTML 11Page - Feeling Technology Corp. SYNPWM Datasheet HTML 12Page - Feeling Technology Corp. SYNPWM Datasheet HTML 13Page - Feeling Technology Corp. SYNPWM Datasheet HTML 14Page - Feeling Technology Corp. SYNPWM Datasheet HTML 15Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.11/FM8P73B
FEELING
TECHNOLOGY
2.1.4
FSR (Indirect Data Memory Address Pointer)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
04h (r/w)
FSR
0
Indirect data memory address pointer
Bit6:Bit0 : Select registers address in the indirect addressing mode. See 2.1.1 for detail description.
Bit7 : Not used. Read as 0.
2.1.5
PORTA, PORTB, IOSTA and IOSTB (Port Data Registers and Port Direction Control Registers)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
05h (r/w)
IOSTA
-
-
IOSTA5
IOSTA4
IOSTA3
IOSTA2
IOSTA1
IOSTA0
06h (r/w)
PORTA
-
-
IOA5
IOA4
IOA3
IOA2
IOA1
IOA0
07h (r/w)
IOSTB
IOSTB7
IOSTB6
IOSTB5
IOSTB4
-
IOSTB2
IOSTB1
IOSTB0
08h (r/w)
PORTB
IOB7
IOB6
IOB5
IOB4
IOB3
IOB2
IOB1
IOB0
Legend: - = unimplemented, read as ‘0’.
The registers (IOSTA and IOSTB) are used to define the input or output of each port.
= 1,
= 0,
Input.
Output.
Reading the port (PORTA and PORTB register) reads the status of the pins independent of the pin’s input/output
modes. Writing to these ports will write to the port data latch. Please refer to 2.2 for detail I/O Port description.
Note: IOB3 is read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com