Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYNPWM Datasheet(PDF) 21 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 21 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 17Page - Feeling Technology Corp. SYNPWM Datasheet HTML 18Page - Feeling Technology Corp. SYNPWM Datasheet HTML 19Page - Feeling Technology Corp. SYNPWM Datasheet HTML 20Page - Feeling Technology Corp. SYNPWM Datasheet HTML 21Page - Feeling Technology Corp. SYNPWM Datasheet HTML 22Page - Feeling Technology Corp. SYNPWM Datasheet HTML 23Page - Feeling Technology Corp. SYNPWM Datasheet HTML 24Page - Feeling Technology Corp. SYNPWM Datasheet HTML 25Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.21/FM8P73B
FEELING
TECHNOLOGY
2.1.17
WDTCON (Watchdog Timer Control Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
21h (r/w)
WDTCON
-
I_WDT
I_TWDT
EXCLK
-
WDTPS2 WDTPS1 WDTPS0
Legend: - = unimplemented, read as ‘0’.
The FM8P73B builds in a watchdog timer with two different modes, normal watchdog reset and internal watchdog
wakeup. The watchdog timer is controlled by this register (WDTCON). Please refer to 2.5 for detail Watchdog
Timer description.
I_WDT : Internal Watchdog Wakeup mode selection.
= 1, Internal Watchdog Wakeup Enable.
= 0, Internal Watchdog Wakeup Disable.
I_TWDT : Watchdog Timer Stable time required when operating in I_WDT mode.
= 1, 1.25ms.
= 0, 2.5ms (default).
EXCLK : IOB2/TMCKI function selection
= 1, IOB2 is external clock input of timer.
= 0, IOB2 is normal I/O.
WDTPS2:WDTPS0 : Watchdog timer prescaler setting
WDTPS2 : WDTPS0
WDT prescaler rate
0
0
0
1:1
0
0
1
1:2
0
1
0
1:4
0
1
1
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com