Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYNPWM Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 1 Page - Feeling Technology Corp.

  SYNPWM Datasheet HTML 1Page - Feeling Technology Corp. SYNPWM Datasheet HTML 2Page - Feeling Technology Corp. SYNPWM Datasheet HTML 3Page - Feeling Technology Corp. SYNPWM Datasheet HTML 4Page - Feeling Technology Corp. SYNPWM Datasheet HTML 5Page - Feeling Technology Corp. SYNPWM Datasheet HTML 6Page - Feeling Technology Corp. SYNPWM Datasheet HTML 7Page - Feeling Technology Corp. SYNPWM Datasheet HTML 8Page - Feeling Technology Corp. SYNPWM Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
FM8P73B
EPROM-Based 8-Bit Microcontroller with 10 bit ADC
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.1/FM8P73B
FEELING
TECHNOLOGY
Devices Included in this Data Sheet:
FM8P73BA : 16-pin EPROM device
FM8P73BB : 14-pin EPROM device
FM8P73BC : 18-pin EPROM device with VR pin
FM8P73BD : 16-pin EPROM device with VR pin
FEATURES
Total 11 channel 10bit AD converter with ±2LSB resolution
All instructions are single cycle except for program branches which are two-cycles
14-bit wide instructions
Configurable CPU clock per instruction cycle: Focs/4 and Fosc/2
All EPROM area GOTO instruction
All EPROM area subroutine CALL instruction
8-bit wide data path
6-level deep hardware stack
1K x 14 bits on chip EPROM
27x8 bits on chip special purpose registers and 64 x 8 bits on chip general purpose registers (SRAM)
Operating speed: DC-20 MHz clock input, or DC-100 ns instruction cycle
Direct, indirect addressing modes for data accessing
Three real time down-count Timer with 3-bit programmable prescaler
- TMR1: 8-bit, PWM1(Period) & Timer
- TMR2: 8-bit, PWM1(Duty) & Timer
- TMR3: 8-bit Timer
Built-in 3 levels Low Voltage Detector (LVDT) for Brown-out Reset (BOR)
Power-up Reset Timer (PWRT)
On chip Watchdog Timer (WDT) with internal oscillator for reliable operation.
Two I/O ports IOA, and IOB with independent direction control
- 13 Bi-direction I/O port (Programmable Pull-up enable in Input mode)
- One Input only port (IOB3/RSTB)
Four kinds of interrupt source: 3 Timers, 8 external interrupt sources: IOB0~IOB7, Internal watchdog timer
(i_WDT) wakeup, and A/D end of conversion
Wake-up from SLEEP:
- Port B (IOB0~IOB7) pin change wakeup
- WDT overflow
- i_WDT overflow
Power saving SLEEP mode
Programmable Code Protection
Selectable oscillator options:
- ERC: External Resistor/ Voltage Controlled Oscillator
- XT: Crystal/Resonator Oscillator
- HF: High Frequency Crystal/Resonator Oscillator
- LF: Low Frequency Crystal Oscillator
- IRC: Internal Resistor/Capacitor Oscillator
Wide-operating voltage range:
- EPROM : 2.2V to 5.5V


Similar Part No. - SYNPWM

ManufacturerPart #DatasheetDescription
logo
Timeguard
SYN169 TIMEGUARD-SYN169 Datasheet
492Kb / 3P
Time and light control Analogue time switches
05/08/2022
logo
List of Unclassifed Man...
SYN470R ETC2-SYN470R Datasheet
1Mb / 21P
Automotive Remote Keyless Entry (RKE)
SYN480R ETC2-SYN480R Datasheet
1Mb / 21P
Automotive Remote Keyless Entry (RKE)
SYN480R-FS12 ETC2-SYN480R-FS12 Datasheet
1Mb / 21P
Automotive Remote Keyless Entry (RKE)
SYN480R-FS24 ETC2-SYN480R-FS24 Datasheet
1Mb / 21P
Automotive Remote Keyless Entry (RKE)
More results

Similar Description - SYNPWM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
EPROM-Based 8-Bit CMOS Microcontroller
1998
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
EPROM-Based 8-Bit CMOS Microcontroller
logo
Ceramate Technical
CTM8B54E CERAMATE-CTM8B54E Datasheet
302Kb / 23P
EPROM-Based 8-Bit COMS Microcontroller
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
EPROM/ROM-Based 8-Bit Microcontroller
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
EPROM/ROM-Based 8-Bit Microcontroller
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PA76 FEELING-FM8PA76 Datasheet
3Mb / 78P
OTP-Based 8-Bit Microcontroller with 12 bit ADC
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
EPROM/ROM-Based 8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com