Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYNPWM Datasheet(PDF) 39 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 39 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 35Page - Feeling Technology Corp. SYNPWM Datasheet HTML 36Page - Feeling Technology Corp. SYNPWM Datasheet HTML 37Page - Feeling Technology Corp. SYNPWM Datasheet HTML 38Page - Feeling Technology Corp. SYNPWM Datasheet HTML 39Page - Feeling Technology Corp. SYNPWM Datasheet HTML 40Page - Feeling Technology Corp. SYNPWM Datasheet HTML 41Page - Feeling Technology Corp. SYNPWM Datasheet HTML 42Page - Feeling Technology Corp. SYNPWM Datasheet HTML 43Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.39/FM8P73B
FEELING
TECHNOLOGY
BTRSC
Test Bit in R, Skip if Clear
Syntax:
BTRSC R, b
Operands:
0
R 0x6F
0
b 7
Operation:
Skip if R<b> = 0
Status Affected:
None
Description:
If bit ‘b’ in register ‘R’ is 0 then the next instruction is skipped.
If bit ‘b’ is 0 then next instruction fetched during the current instruction execution is
discarded, and a NOP is executed instead making this a 2-cycle instruction.
Cycles:
1/2
BTRSS
Test Bit in R, Skip if Set
Syntax:
BTRSS R, b
Operands:
0
R 0x6F
0
b 7
Operation:
Skip if R<b> = 1
Status Affected:
None
Description:
If bit ‘b’ in register ‘R’ is ‘1’ then the next instruction is skipped.
If bit ‘b’ is ‘1’, then the next instruction fetched during the current instruction execution, is
discarded and a NOP is executed instead, making this a 2-cycle instruction.
Cycles:
1/2
CALL
Subroutine Call
Syntax:
CALL I
Operands:
0
I 0x3FF
Operation:
PC + 1  Top of Stack,
I  PC<9:0>
Status Affected:
None
Description:
Subroutine call. First, return address (PC+1) is pushed onto the stack. The 10-bit
immediate address is loaded into PC bits <9:0>.
Cycles:
2
CLRA
Clear ACC
Syntax:
CLRA
Operands:
None
Operation:
00h  ACC;
1  Z
Status Affected:
Z
Description:
The ACC register is cleared. Zero bit (Z) is set.
Cycles:
1
CLRR
Clear R
Syntax:
CLRR R
Operands:
0
R 0x6F
Operation:
00h  R;
1  Z
Status Affected:
Z
Description:
The contents of register ‘R’ are cleared and the Z bit is set.
Cycles:
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com