Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYNPWM Datasheet(PDF) 48 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 48 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 44Page - Feeling Technology Corp. SYNPWM Datasheet HTML 45Page - Feeling Technology Corp. SYNPWM Datasheet HTML 46Page - Feeling Technology Corp. SYNPWM Datasheet HTML 47Page - Feeling Technology Corp. SYNPWM Datasheet HTML 48Page - Feeling Technology Corp. SYNPWM Datasheet HTML 49Page - Feeling Technology Corp. SYNPWM Datasheet HTML 50Page - Feeling Technology Corp. SYNPWM Datasheet HTML 51Page - Feeling Technology Corp. SYNPWM Datasheet HTML 52Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.48/FM8P73B
FEELING
TECHNOLOGY
6.2
ELECTRICAL CHARACTERISTICS Charts of FM8P73B
6.2.1
Internal 4MHz RC vs. Temperature
Note: Curves are for design reference only.
6.2.2
Internal 4MHz RC vs. Supply Voltage (Ta=25℃)
CAUTION: Less than 2.8V will exceed 3% limit.
Note: Curves are for design reference only.
6.2.3
Low Voltage Detect (LVDT=2.1V) vs. Temperature
CAUTION: The LVDT 2.1V option can only support temperature range between -40~50℃
Note: Curves are for design reference only.
-10.00%
-8.00%
-6.00%
-4.00%
-2.00%
0.00%
2.00%
4.00%
6.00%
-40 -30 -20 -10
0
10
20
25
30
40
50
60
70
80
90 100 110 120 125
Temperature
Avg-5V
Avg-3V
-4.00%
-2.00%
0.00%
2.00%
4.00%
6.00%
8.00%
10.00%
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6 5.8
6
Voltage
4M HV
4M LV
0.00
0.50
1.00
1.50
2.00
2.50
3.00
-40 -30 -20 -10
0
10
20
25
30
40
50
60
70
80
90 100 110 120 125
Temperature
Avg-2.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com