Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYNPWM Datasheet(PDF) 24 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 24 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 20Page - Feeling Technology Corp. SYNPWM Datasheet HTML 21Page - Feeling Technology Corp. SYNPWM Datasheet HTML 22Page - Feeling Technology Corp. SYNPWM Datasheet HTML 23Page - Feeling Technology Corp. SYNPWM Datasheet HTML 24Page - Feeling Technology Corp. SYNPWM Datasheet HTML 25Page - Feeling Technology Corp. SYNPWM Datasheet HTML 26Page - Feeling Technology Corp. SYNPWM Datasheet HTML 27Page - Feeling Technology Corp. SYNPWM Datasheet HTML 28Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.24/FM8P73B
FEELING
TECHNOLOGY
2.3
Timer/Event Counter (TMR1, TMR2, TMR3)
The FM8P73B contains three 8-bit down-count Timers. All these timers have auto reload function, TMR1/TMR2
can be combined to perform PWM function
Figure 2.4: Block Diagram of the Timer
MUX
TxSO<1:0>
Prescaler
TxPS<2:0>
TxLOAD
Set TxIF flag
on unerflow
TMRx
Counter
TMRx
Latch
TMCKI (IOB2)
Fosc*2
(Only Timer1 & 2)
Fosc
Instruction Cycle
(Fosc/2 or Fosc/4)
0 0
0 1
1 0
1 1
WR TxLA
2.3.1
Clock Source
There are 4 clock sources could be selected by each timer separately.
2.3.1.1
TMCKI (IOB2)
The event counter mode would be activated when the source of TMCKI (IOB2) used. At this mode, the rising/
falling edge of the event could also be selected separately.
2.3.1.2
Instruction cycle
In this mode, the timer will down-count on every instruction cycle (if prescaler is 1:1).
2.3.1.3
FOSC
In this mode, timer clock source defined by the FOSC bit in the configuration word.
2.3.1.4
FOSC *2
In this mode, the oscillator frequency is multiplied by 2, as the timer clock source. Oscillator modes defined by the
FOSC bit in the configuration word.
Note : 1.
In this mode, the frequency multiplier minimum operating voltage limits, please refer to
electrical characteristics table VPWM item.
2.
This mode only for Timer1 and Timer2.
2.3.2
Prescaler
Each timer contains a 3-bits prescaler which can scale the timer or counter from 1:1 to 1:128.
T1PS2 : T1PS0
TMR1 Prescal rate
0
0
0
1:1
0
0
1
1:2
0
1
0
1:4
0
1
1
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com