Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYNPWM Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 2 Page - Feeling Technology Corp.

  SYNPWM Datasheet HTML 1Page - Feeling Technology Corp. SYNPWM Datasheet HTML 2Page - Feeling Technology Corp. SYNPWM Datasheet HTML 3Page - Feeling Technology Corp. SYNPWM Datasheet HTML 4Page - Feeling Technology Corp. SYNPWM Datasheet HTML 5Page - Feeling Technology Corp. SYNPWM Datasheet HTML 6Page - Feeling Technology Corp. SYNPWM Datasheet HTML 7Page - Feeling Technology Corp. SYNPWM Datasheet HTML 8Page - Feeling Technology Corp. SYNPWM Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.2/FM8P73B
FEELING
TECHNOLOGY
GENERAL DESCRIPTION
The FM8P73B is a low-cost, high speed, high noise immunity, EPROM-based 8-bit CMOS microcontrollers. It
employs a RISC architecture with 33 instructions. All instructions are single cycle except for program branches
which take two cycles. The easy to use and easy to remember instruction set reduces development time
significantly.
The FM8P73B consists of Power-on Reset (POR), Brown-out Reset (BOR), Power-up Reset Timer (PWRT),
Watchdog Timer, EPROM, SRAM, tri-state I/O port, I/O pull-high control, Power saving SLEEP mode, 3 real time
programmable clock/counter, Interrupt, Wake-up from SLEEP mode, and Code Protection for EPROM products.
There are five oscillator configurations to be chosen from, including the power-saving LF (Low Frequency)
oscillator and cost saving internal RC oscillator.
The FM8P73B address 1K×14 of program memory.
The FM8P73B can directly or indirectly address its register files and data memory. All special function registers
including the program counter are mapped in the data memory.
The FM8P73B provides total 11 channel 10bit AD converter with ±2LSB resolution.
BLOCK DIAGRAM
Oscillator
Circuit
Watchdog
Timer
ALU
6-level
STACK
Program
Counter
EPROM
FSR
Instruction
Decoder
SRAM
PORTA
Timer 1 ~ 3
Accumulator
PWM
Controller
Interrupt
Control
PORTB
A/D
Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com