Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYNPWM Datasheet(PDF) 15 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 15 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 11Page - Feeling Technology Corp. SYNPWM Datasheet HTML 12Page - Feeling Technology Corp. SYNPWM Datasheet HTML 13Page - Feeling Technology Corp. SYNPWM Datasheet HTML 14Page - Feeling Technology Corp. SYNPWM Datasheet HTML 15Page - Feeling Technology Corp. SYNPWM Datasheet HTML 16Page - Feeling Technology Corp. SYNPWM Datasheet HTML 17Page - Feeling Technology Corp. SYNPWM Datasheet HTML 18Page - Feeling Technology Corp. SYNPWM Datasheet HTML 19Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.15/FM8P73B
FEELING
TECHNOLOGY
2.1.7
Timer2: 8-bit Timer & PWM1 Duty
The Timer2 is an 8-bit down-count timer which include latch register. Please refer to 2.3 for detail Timer
description.
2.1.7.1
T2CON (Timer2 Control Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
0Fh (r/w)
T2CON
T2EN
T2LOAD
T2SO1
T2SO0
T2EDG
T2PS2
T2PS1
T2PS0
T2EN : TMR2 Enable/Disable
= 1, TMR2 (PWM1) Enable.
= 0, TMR2 (PWM1) Disable.
Note: At PWM mode, Timer2 is controlled by T1EN.
T2LOAD : Enable/Disable Latch Buffer automatically load to counter register while writing to latch register
= 1, Enable TMR2 latch buffer automatically load to counter register while writing to latch register.
= 0, Disable TMR2 latch buffer automatically load to counter register while writing to latch register.
Note: This bit is only affected after latch register written. When the timer underflows, the latch register
data will automatically load into counter register.
T2SO1:T2SO0 : TMR2 clock source selection
T2SO1
T2SO0
TMR2 clock source
0
0
TMCKI(IOB2)
0
1
Internal instruction clock cycle
1
0
Fosc
1
1
Fosc*2
T2EDG : TMR2 clock edge selection. This bit works only when external clock source TMCKI (IOB2) selected.
= 0, TMR2 increased on rising edge of TMCKI pin.
= 1, TMR2 increased on falling edge of TMCKI pin.
T2PS2:T2PS0 : TMR2 Prescaler selection
T2PS2 : T2PS0
TMR2 Prescal rate
0
0
0
1:1
0
0
1
1:2
0
1
0
1:4
0
1
1
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
2.1.7.2
T2LA (Timer2 Latch Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
10h (r/w)
T2LA
8-bit real-time timer Latch
T2LA is a Timer2 pre-set latch buffer, see 2.3 for detail description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com