Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYNPWM Datasheet(PDF) 13 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 13 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 9Page - Feeling Technology Corp. SYNPWM Datasheet HTML 10Page - Feeling Technology Corp. SYNPWM Datasheet HTML 11Page - Feeling Technology Corp. SYNPWM Datasheet HTML 12Page - Feeling Technology Corp. SYNPWM Datasheet HTML 13Page - Feeling Technology Corp. SYNPWM Datasheet HTML 14Page - Feeling Technology Corp. SYNPWM Datasheet HTML 15Page - Feeling Technology Corp. SYNPWM Datasheet HTML 16Page - Feeling Technology Corp. SYNPWM Datasheet HTML 17Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.13/FM8P73B
FEELING
TECHNOLOGY
2.1.6.2
PWM1CON (PWM1 Control Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
0Ch (r/w)
PWM1CON T12MOD
PWMS
POPS
-
PIR13
PIR12
PIR11
PIR10
Legend: - = unimplemented, read as ‘0’.
T12MOD : TMR1 operation mode select bit.
= 1, The TMR1 and TMR2 in PWM mode operation.
= 0, The TMR1 and TMR2 in Timer mode operation.
PWMS : Initial State of PWM1P output duty.
= 1, Set the initial state to L, change to H when TMR2 duty underflow.
= 0, Set the initial state to H, change to L when TMR2 duty underflow.
POPS :
PWM Output Pin Select bit.
= 1, The PWM1P output from IOB1.
= 0, The PWM1P output from IOA0.
PIR13:PIR10 : Interrupt Event Rate of PWM1.
“1:N” means interrupt occurred after “N” PWM1 pulses.
PIR13 : PIR10
PWM1 Interrupt rate
0
0
0
0
1:1
0
0
0
1
1:2
0
0
1
0
1:3
0
0
1
1
1:4
|
|
1
1
0
1
1:14
1
1
1
0
1:15
1
1
1
1
1:16
2.1.6.3
T1LA (Timer1 Latch Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
0Dh (r/w)
T1LA
8-bit real-time timer Latch
T1LA is a Timer1 pre-set latch buffer, see 2.3 for detail description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com