Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYNPWM Datasheet(PDF) 40 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 40 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 36Page - Feeling Technology Corp. SYNPWM Datasheet HTML 37Page - Feeling Technology Corp. SYNPWM Datasheet HTML 38Page - Feeling Technology Corp. SYNPWM Datasheet HTML 39Page - Feeling Technology Corp. SYNPWM Datasheet HTML 40Page - Feeling Technology Corp. SYNPWM Datasheet HTML 41Page - Feeling Technology Corp. SYNPWM Datasheet HTML 42Page - Feeling Technology Corp. SYNPWM Datasheet HTML 43Page - Feeling Technology Corp. SYNPWM Datasheet HTML 44Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.40/FM8P73B
FEELING
TECHNOLOGY
CLRWDT
Clear Watchdog Timer
Syntax:
CLRWDT
Operands:
None
Operation:
00h  WDT;
1  TO
̅̅̅̅;
1  PD
̅̅̅̅
Status Affected:
TO
̅̅̅̅,PD
̅̅̅̅
Description:
The CLRWDT instruction resets the WDT. The status bitsTO
̅̅̅̅ and PD
̅̅̅̅ will be set.
Cycles:
1
COMR
Complement R
Syntax:
COMR R, d
Operands:
0
R 0x6F
d
[0,1]
Operation:
R
̅  dest
Status Affected:
Z
Description:
The contents of register ‘R’ are complemented. If ‘d’ is 0 the result is stored in the ACC
register. If ‘d’ is 1 the result is stored back in register ‘R’.
Cycles:
1
DECR
Decrement R
Syntax:
DECR R, d
Operands:
0
R 0x6F
d
[0,1]
Operation:
R - 1  dest
Status Affected:
Z
Description:
Decrement of register ‘R’. If ‘d’ is 0 the result is stored in the ACC register. If ‘d’ is 1 the
result is stored back in register ‘R’.
Cycles:
1
DECRSZ
Decrement R, Skip if 0
Syntax:
DECRSZ R, d
Operands:
0
R 0x6F
d
[0,1]
Operation:
R - 1  dest; skip if result =0
Status Affected:
None
Description:
The contents of register ‘R’ are decrement. If ‘d’ is 0 the result is placed in the ACC register.
If ‘d’ is 1 the result is stored back in register ’R’.
If the result is 0, the next instruction, which is already fetched, is discarded and a NOP is
executed instead and making it a two-cycle instruction.
Cycles:
1/2
GOTO
Unconditional Branch
Syntax:
GOTO I
Operands:
0
I 0x3FF
Operation:
I  PC<9:0>
Status Affected:
None
Description:
GOTO is an unconditional branch. The 10-bit immediate value is loaded into PC bits <9:0>.
Cycles:
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com