Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS970X Datasheet(PDF) 32 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 32 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 28Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 29Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 30Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 31Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 32Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 33Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 34Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 35Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 36Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
FS970X
Rev. 4.4
32/46
in Graph 4. The frequency of the target can be obtained from the following formula:
Formula 12
F
K
K
F
INSIG
SG
TB
TB
Whereas KSG and KTB are the values of signal counter and time-based counter respectively. FTB is the
frequency of reference signal, as shown in Chart 3. FINSIG is the frequency of the target signal.
When performing the duty cycle measurement, the relationship between the duty cycle DTINSIG and KSG 和 KTB
is as follow:
Formula 13
DT
K
K
INSIG
DT
TB
100%
You may have noticed that the value is independent from the reference time pulse frequency.
The reading process of frequency counter
Both controls of frequency measurement and duty cycle measurement are the motion of the frequency counter
through FQRST_. When first setting FQRST_ to 0, and then resetting it to 1, it will trigger the action of
frequency counter. It will complete the counting in approx. 0.2 seconds. It will also advice the microprocessor
to read. After the reading of KTB and KSG, the value can be calculated from Formula 12 or Formula 13.
Then, repeat the reset to get the new value of the next measurement, and so forth and so on.
However, whether processed by the interrupt or polling after the reset of the counter, the interrupt status bit is
set to 1, meaning the counting is completed. However, when using the frequency counter of FS970X chip,
and when entering the counter measurement, after the first reset, it should read the values of KTB and KSG. It
doesn’t need to process the values. Thereafter, it starts the reading process of the interrupt status bits.
Peak-hold sampling process
As shown in the Chart 17, the reading of the output value of fast ADC meets the requirement of positive
negative peak-hold of pulse bandwidth measuring in a matter of naro-second. The peak-hold sampling logic of
FS970X accepts the control of PKHRST. It uses the SUM 2 as an input. It composed of the positive-negative
peak-hold comparison device and the positive-negative peak-hold register.
When PKHRST_ equals 0, the positive peak-hold register (POSPK) and the negative peak-hold register
(NEGPK) will be reset to the most negative and positive value respectively.
When PKHRST is set to Hi, the digit comparison device will compare the value of SUM2 with the value of the
positive peak-hold register (POSPK) and the negative peak-hold register (NEGPK). When the value of SUM2 is
greater than the value of the positive peak-hold register, the value of the positive peak-hold register will be
updated, otherwise it will remain the same. When the value of SUM2 is smaller than the value of the negative
peak-hold register, the value of the negative peak-hold register will be updated, otherwise it will remain the
same.
Therefore, after resetting the peak-hold sampling logic, set PKHRST_ equal 1, and the interrupt status digit of
the peak-hold sampling to 1; then, read the values of POSPK and NEGPK registers. One can obtain the values
of the measuring of positive peak-hold and negative peak-hold values.
Because the value of the peak-hold sampling device is derived from the value of SUM2, one should use
Formula 5 to calculate the equivalent voltage value of the operator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com