Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS970X Datasheet(PDF) 25 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 25 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 21Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 22Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 23Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 24Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 25Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 26Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 27Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 28Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 29Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
FS970X
Rev. 4.4
25/46
'
G
and
os
v
represent respectively the gain and the offset voltage of ADC. They can both be affected during
manufacturing, and vary every single chip
Under most of the applications of ADC, reference voltage is a fixed value
rrf
V
. ADC converts the variable
voltage
x
v
into an equivalent value as
rrf
V
. Examples are AC/DC voltage measurement and AC/DC currency
measurement of DMM. In this kind of application, reference voltage is fixed; thus, Formula 4 can be simplified
as:
Formula 5........................................................
os
ref
x
x
D
V
v
G
D
'
os
D
is a fixed value.
However, in the application of DMM, the most often used type of measurement of resistor is scale-type
measurement. The reference voltage
ref
v
will vary with resistor, not a fixed value. Formula 5 will not reflect
the actual situation, and needs to be modified as:
Formula 6........................................................
 
 
x
os
ref
x
ref
os
ref
x
x
R
D
R
R
G
v
D
v
v
G
D
'
'
Whereas,
 
ref
os v
D
is the function of reference voltage. In the application of the measurement of scale-type
resistors, we will learn that
 
x
os R
D
is related to resistor
x
R
.
FS970X includes two kinds of ADC output: high-resolution, low-speed and low-resolution, high-speed. Under
high-resolution, low-speed output, the offset voltage has been eliminated. Its transfer function converts from
the ideal linear from Formula 3. Under low-resolution, high-speed output, the offset voltage still exists. The
transfer function comes from either Formula 5 or Formula 6, according to different condition. See Chapter 8 for
details.
Function Gain Setup
0.5
0.5
0.25
0.1
+
ADG<0>
ADG<1>
ADG<2>
ADG<3>
VIN
to
ADC
signal
input
1.0
0.25
+
ADG<4>
ADG<5>
VREF
to
ADC
reference
input
a
b
c
d
x
y
Graph 11. FS970X Gain setup.
As shown in Graph 11, the input of FS970X ADC includes four different gain paths. They are independently
controlled by ADG<3:0> (4 bits) of the register. The input of reference voltage includes two different gain
paths. They are independently controlled by ADG<5:4>(2 bits) of the register. All the gain values are
approximation. Precise gain values are only available after calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com