Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS970X Datasheet(PDF) 10 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 10 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 6Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 7Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 8Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 9Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 10Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 11Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 12Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 13Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 14Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
FS970X
Rev. 4.4
10/46
7.
Typical Application Circuit
1
2
3
4
A
B
C
D
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
A2
Date:
4-Jan-2004
Sheet of
File:
C:\Do cuments a ndSetting s\yenhong \桌面\桌面暫存\DMM _CLUB.D DB
Drawn By:
R1
1.1111M
R2
101.01K
R3
10.010K
R4
1.0001K
RFTR1
1M
CFTR1
27nF
C1
1nF
C2
390pF
C3
300pF
RSDB1
100K
RSM V1
909K
J1
DCV + ACV
J2
OHM +CAP+DT
CDCPL1
10nF,1000V
J4
DCV+OHM +DT+CAP
RPTC1
PTC,1K,+-5%,25 C
J3
OHM +CAP+DT
COMMON
RSGND1
10K
RRF1
49.9K
RRF2
249K
CRF1
27nF
AGND
RCS1
412K
RZNR1
82K
VDDS
DZNR1
LM385/1.235V
CR1
4.000M Hz
VSS
BZR1
2.5kHz
RBZR1
1k
VDD
C4
10uF
C5
10uF
C7
47uF
AGND
AGND
VDD
VSS
VSS
VCC
RRG1
866K
RRG2
187K
VSS
C6
10uF
VDD
Vin
2
Vout
3
U1
S-81250
VBAT
AGND
VDDS
VSS
VCC
VDD
VSS
CCPN1
5.6pF
RCPN1
100 K
TENM
ONEM
HUNK
TENK
ONEK
FTB
SGND
SMV
SDB
ADRF
VCC
VDD
AGND
VBAT
FTC
VCCS
FTC
VDDS
VDDS
AGND
J5
Except Hz
ACOUT
FTC
17
TENM
18
ONEM
19
HUNK
20
TNEK
21
ONEK
22
FTA
23
FTB
24
SGND
25
AGND
26
VDDA
27
SMV
28
SA
29
SDB
30
ADRF
31
VSSA
32
DVO
49
GNDR
50
VDDS
51
VDDP
52
VCCR
53
VCCS
54
VCC
55
OSCO
58
VCC
56
VCC
57
NC
59
NC
60
NC
61
CMP1
62
FCNT1
63
VBAT
64
FS970/Q64
U2
FS970/Q64
VCC
J6
mV
RHz1
50k
C8
4pF
J7
DT
RDT2
900k
RDT1
100k
AX4
Battery1
9V
C9
0.1uF
RAC2
60K
RAC1
10K
AGND
DRCTP1
1N914
DRCTN1
1N914
RAVG1
20k
CAVG1
100nF
RAVG2
20k
CAVG2
100nF
CAC1
10uF
AGND
XIN
31
XOUT
32
VC1
33
VC2
34
VC3
35
VCC
36
COM4/P6.3
37
COM3/P6.2
38
COM2/P6.1
39
COM1
40
SEG1
41
SEG2
42
SEG3
43
SEG4
44
SEG5
45
SEG6
46
SEG7
47
SEG8
48
SEG9
49
SEG10
50
P1.0
81
P1.1
82
P1.2
83
P1.3
84
P1.4
85
P1.5
86
P1.6
87
P1.7
88
P2.0
89
P2.1
90
P2.2
91
P2.3
92
P2.4
93
P2.5
94
P2.6
95
P2.7
96
VCC
97
P3.0
98
P3.1
99
P3.2
100
FSup01N
U3
FSUP01
VSS
D0
D1
D2
RCR11M
VSS
AD0
AD1
AD2
AD3
WR
RD
CS
ALE
RXD
TXD
RT3
RT2
RT0
RT1
VSS
RPB1
500K
COM1
COM2
COM3
COM4
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
SW1
RFS
RLCD1
70K
VCC
D0
3
Q0
2
D1
4
Q1
5
D2
7
Q2
6
D3
8
Q3
9
D4
13
Q4
12
D5
14
Q5
15
D6
17
Q6
16
D7
18
Q7
19
OE
1
CLK
11
U4
74S374
AHE
VSS
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
VCC
VCC
VSS
PSEN
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A7
A8
A9
A10
A11
A12
A13
A14
A0
10
A1
9
A2
8
A3
7
A4
6
A5
5
A6
4
A7
3
A8
25
A9
24
A10
21
A11
23
A12
2
A13
26
A14
1
D0
11
D1
12
D2
13
D3
15
D4
16
D5
17
D6
18
D7
19
VCC
28
GND
14
WE
27
OE
22
CE
20
U5
28256
1
2
L1
DioS
1
2
L2
DioR
RSO1
3K
RSIN1
100K
VCC
SW2
BtBacklight
SW3
BtHz
SW4
BtPeak
SW5
BtAH
SW6
BtFunction
SW7
BtREC
SW8
BtRange
SW9
BtRel
PB0
PB1
CPB1
10nF
CR3
20pF
CR4
10pF
RST
J9
A14
J 10
VCC
RCT1
15k
RAC3
30k
R5
10M,1000V
VSS
28256 :
27256 :
VCC
VCC
J9
J10
A14
A14
1
2
L3
LED
RBKLI1
180
VSS
BKLI
CS
ALE
WR
VCCS
VSS
CS
1
SK
2
DI
3
DO
4
GND
5
TEST
6
NC
7
VCC
8
U6
S-93C46ADP
RD
D1
IN4002
POhm
C10
10uF
VCC
C11
1uF
VCC
VSS
C12
1uF
VCCS
VSS
VC3
XOUT
ACOUT
Cc
1
Vin
2
Vss
4
Vdd
7
Out
6
Cav
5
PD
3
COM
8
U7
AD737
CRM S1
10uF
CRM S2
10uF
CRM S3
33uF
VDDS
VSS
ACL
ACH
SPK1
SPK
RSPK1
RA1
0.01,2W,10ppm
J mA1
mA
J uA1
uA
RA2
0.99,5W,10ppm
RA3
99,0.25W,10ppm
AMP_IN
F1
1A/600V
F2
15A/600V
COMMON
CR2
4.000M Hz
RCR21M
VSS
J ext1
VCC
VCC
VSS
XIN
Pvat1
Vbat
Pvss 1
vs s
VSS
VBAT
DVO
FCNT1
NC61
NC60
NC59
OSCO
VC1
VC2
J ARHCR1
VCC
VSS
J CAP1
J notCAP1
AX2
J 3a
RPB2
500K
CPB2
10nF
VSS
J Ain1
Ain
AX1
RCPN2
100 K
RAGND1
20K
TP1
9013
TP2
9013
POhm
TP5
9013
TP6
9013
J 3a
PDT
J RS1
RS232
Text
1
44
CON1
CON22X2
COM 1
COM 2
COM 3
COM 4
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
SEG16
SEG17
SEG18
SEG19
SEG20
SEG21
SEG22
SEG23
SEG24
SEG25
SEG26
SEG27
SEG28
SEG29
SEG30
SEG31
SEG32
SEG33
SEG34
SEG35
SEG36
SEG37
SEG38
SEG39
SEG40
D2
4004
D3
4004
D4
4004
D5
4004
D6
4004
D7
4004
COMMON
1
2
J 12
10A
1
2
J 13
mA+uA
R6
100K
R7
20M
VSS
AMP.TEST
AMP.TEST
J mVP
mVP
J COM
DCV + ACV
J DTH
DT
AX1
AX2
AGND
J 13
J 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com