Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS970X Datasheet(PDF) 9 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 9 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 5Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 6Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 7Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 8Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 9Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 10Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 11Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 12Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 13Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
FS970X
Rev. 4.4
9/46
Pin Description
64 PIN
LQFP
pin
Pin
Type
Symbol
Description
1
DPI
VSSD
Global Ground(-3.2 V).
2-3
DIO
XTALI,XTALO
The terminals of crystal oscillator circuit
4
DO
BZR
The Output terminal of BUZZER function
5
DO
IRQO
The Interrupt output terminal when updating data
6-9
DIO
AD<3:0>
The I/O ports of Address and Data Lines
10
DI
RD_
When Active_low, read values from FS970X
11
DI
WR_
When Active_low, write values to FS970X
12
DI
ALE
When Active_Hi, AD<3:0> acts as address line
13
DI
CS_
When Active_low, enable FS970X interface
14
DPI
VCC
Digital power supply(+1.8 V)
15
DI
RST_
Reset all the registers to “0” when Active_low
16
AIO
CPN
The connector of the compensation capacitor at ACV function
17
AIO
FTC
The terminal of pre-filter capacitor
18-22
AIO
TENM,ONEM,HUNK,TENK,ONEK The terminal of resistors of router
23-24
AIO
FTA,FTB
The terminal of pre-filter capacitor
25
AI
SGND
The sensing point of analog ground
26
API
AGND
Analog ground(0 V)
27
API
VDDA
Positive analog power supply(+3.0 V)
28
AIO
SMV
The input of DCmV function
29
AIO
SA
The terminal of current function
30
AIO
SDB
The negative terminal of reference under resistance measurement
31
AI
ADRF
The input of the voltage reference of ADC
32
API
VSSA
Negative analog power supply(-3.2 V).
33
AI
REFH
The output of Zener diode
34
AIO
CSFB
The terminal of Zener diode function
35-36
AIO
ACH, ACL
The output terminals of AC-to-DC function
37-38
AIO
ACB, ACA
The connection of AC buffer OPAMP
39-40
AIO
RCTP, RCTN
The terminal of OPAMP of AC-to-DC function
41
AIO
RCTO
The output terminal of OPAMP of AC-to-DC function
42-43
AIO
ACHO, ACLO
The output terminals of rectify function of AC-to-DC measurement
44-48
AIO
AX1-AX5
The input terminal of ADC
49
AO
DVO
The output terminal SDV through an analog switch control
50
APO
GNDR
The analog ground of internal voltage regulator (0 V).
51
PO
VDDS
The output terminal VDD through an analog switch control
52
PI
VDDP
The power supply of regulator (+3.0 V)
53
DPO
VCCR
The output of regulator(+1.8 V)
54
DPO
VCCS
The output terminal VCC through an analog switch control
55-57
DOI
VCC
Digital power supply(+1.8 V)
58
DO
OSCO
The output of crystal oscillator circuit (the output frequency can be
programmable)
59-61
NC
No use.
62
DO
CMP1
The output of comparator
63
DI
FCNTI
The input terminal of frequency counter
64
P
VBAT
The terminal of battery
1)
D - (Digital)
2)
A - (Analog)
3)
P - (Power)
4)
O - (Output)
5)
I - (Input)
6)
For example, DIO stands for Digital Input and Output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com