Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS970X Datasheet(PDF) 24 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 24 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 20Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 21Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 22Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 23Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 24Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 25Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 26Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 27Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 28Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
FS970X
Rev. 4.4
24/46
11. Analog to Digital Converter (ADC)
The operating theory of - ADC
This high-resolution ADC adapts the modulation of delta and sigma. It samples the consecutive analog input
signal by the sampling frequency of far higher frequency width input signal. It will then be converted into
one-bit code by the modulation of delta and sigma. It then filters the high-frequency noise of Σ-Δ converter by
the digital filter in the chip. It becomes high-resolution digital coding to be applied in high-resolution DMM.
Besides, this kind of converter only performs a 1-bit transfer on the analog-end; therefore, it’s with better linear
characteristics. The signal input and reference voltage input will be full differential amplifier input, with good
CMRR, which can reject the common mode signal.
ANALOG
INTEGRATOR
DIGITAL LOW PASS
DECIMATION
FILTER
COMPARATOR
ANALOG
INPUT
V
in
D
out
1, -1, -1, 1, 1, 1,....
V
ref, -Vref, -Vref, Vref, Vref, Vref,...
DAC
Graph 9.
Σ-Δ ADC concept diagram.
As shown in Graph 9, Σ
-Δ ADC includes an analog differentor , an integrator, and a comparator, a one-bit ADC
and a digital low-pass filter. The analog input signal is taken from the consecutively sampled input, and
deduct it directly from the expected voltage. The difference will then flow into analog integrator, then product a
predicted digital by the comparator. It will then be converted to the expected voltage(+Vref or –Vref )by ADC,
reversely feed in to the integrator to get a stable negative feedback. The integrator has unlimited gain to DC;
therefore, if the speed of change of input signal is far smaller than the speed of sampling, the average of the
expected voltage signal of theΣ
-Δ converter will be very close to the input signal. It’s considered equivalent
under certain resolution. Thus, the one-bit digital converted from the comparator is equal to the analog signal
value  Vref. Therefore, take the one-bit digital and perform an arithmetical average by the digital filter to get a
high-resolution Σ-Δ digital.
Transfer Function & Non-ideal affect
x
v
ADC
ref
v
x
D
Graph10. ADC.
As shown in Graph 10, there are two sets of input and one set of output in ADC – voltage input
x
v
, reference
voltage input
ref
v
, and ADC output
x
D
. The ideal transfer function is:
Formula 3........................................................
ref
x
x
v
v
G
D
'
'
G
represents the gain value of the ADC.
However, the ADC in reality is not ideal. The relationship is:
Formula 4 .....................................................
ref
os
ref
x
ref
os
x
x
v
v
G
v
v
G
v
v
v
G
D
'
'
'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com