Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS970X Datasheet(PDF) 45 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 45 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 38Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 39Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 40Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 41Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 42Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 43Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 44Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 45Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 46Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
FS970X
Rev. 4.4
45/46
15. Package Outline
LQFP64: plastic low profile quad flat package; 64 leads; body 10 x 10 x1.4 mm
Note: 1.Plastic or metal protrusions of 0.25 mm maximum per side are not included.
DIMENSIONS (mm are the origlinal dimensions)
UNIT
mm
A
max.
A1
A2
A3
0.15
0.05
1.45
1.35
0.25
0.27
0.17
1.60
bp
c
0.20
0.09
D
E
e
H
H
L
Lp
v
w
y
Z
Z
£K
10.1
9.9
10.1
9.9
0.5
12.15
11.85
12.15
11.85
1.0
0.075
0.75
0.45
0.2
0.12
1.45
1.05
7 ¢X
0 ¢X
1.45
1.05
D
E
(1)
(1)
(1)
(1)
D
E
0
5 mm
2.5
scale
B
A
v
B
v M
M
M
M
w
w
Z
D
H
D
bp
D
e
pin 1 index
e
bp
A
ZE
E
H E
A
A2
A1
detail x
L
Lp
(A3)
£K
x
c
y
48
49
33
32
64
1
16
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com