Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS970X Datasheet(PDF) 19 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 19 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 15Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 16Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 17Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 18Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 19Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 20Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 21Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 22Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 23Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
FS970X
Rev. 4.4
19/46
Ω Power Supply
Ω power supply flows directly into decay network, providing voltage as shown in Chart
8. Among them, cap is
determined by function decoder. When cap=0, it’s not under capacity measuring mode. For DMM application, it
represents resistance measurement. At this time, the output of Ω is controlled by SOSR1:0, as shown in Chart
8. SOSR1:0 can be set up by register.
When cap = 1, it’s under capacity measuring mode. At this time, the output of Ωpower supply is irrelevant to
SOSR1:0, but controlled by TBDIV and CAPTG. When TBDIV = 0, Vrfh is approx. 1.2 V, and the
charge/discharge voltage is approx.1.2V.
When TBDIV=1, Vrfh is approx. 3.1 V (VDD), and the
charge/discharge voltage is also approx. 3.1 V. This improves the charge/discharge speed of capacity
measuring. CAPTG is the output of comparator CMP1. It controls the charge/discharge selection of Ω
power supply to the measuring capacity.
When output is VDD, theΩvoltage is the voltage on the pins, which will be affected by on/off resistors on t
he
path so the real voltage of the load will be affected by the load.
When output is other than VDD, the on/off resistor can be ignored because operation amplifier is high gain and
negative feedback. The real voltage of the load affected by the load can be ignored as well. Under all kinds of
output, the maximum power is approx. 1.2mA.
INPUT
OUTPUT
cap
TBDIV
CAPTG
SOSR1:0
OSRO
0
x
x
00
high impendence
0
x
x
01
AX5
0
x
x
10
Vrfh
0
x
x
11
VDD
1
0
0
Xx
Vrfh (REFH)
1
0
1
Xx
AGND
1
1
0
Xx
Vrfh (VDD)
1
1
1
Xx
AGND
Chart 8
Ω power supply true-value Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com