Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS970X Datasheet(PDF) 37 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 37 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 33Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 34Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 35Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 36Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 37Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 38Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 39Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 40Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 41Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
FS970X
Rev. 4.4
37/46
14. Basic Measurement Application
DCmV
14..1
500 mV
Vx
DCmV
COMMON
10K
SGND
DCV
909K
EXCEPT CAP
220pF
AGND
SMV
1M
27nF
to INH
to INL
FTR
FTR
BPFTR
ADIMUX
ADIMUX
FTB
FTC
FTA
OFF CHIP
ON CHIP
OFF CHIP
28
25
23
24
17
Graph 17. Function network diagram of 500 mV.
Address
00
01
02
03
04
05
06
07
08
Register
RDG
SIN
SRF
SCP
AFT
ADG
SETADC MISC1 MISC2
Value
00h
00h
08h
00h
00h
93h
9Fh
00h
00h
Chart 22. 500 mV register setup.
Signal flows in SMV, through ADIMUX and pre-filter, into ADC.
14..2
50 mV
Vx
DCmV
COMMON
10K
SGND
DCV
90K
AGND
SMV
1M
27nF
to INH
to INL
FTR
FTR
BPFTR
ADIMUX
ADIMUX
FTB
FTC
FTA
OFF CHIP
ACBUF
CMPHMUX
ACDIV
ACEN
90 k
10 k
AGND
28
25
38
37
23
24
17
Graph 18. Function network diagram of 50 mV.
Address
00
01
02
03
04
05
06
07
08
Register
RDG
SIN
SRF
SCP
AFT
ADG
SETADC MISC1 MISC2
Value
00h
80h
08h
00h
30h
93h
9Fh
00h
80h
Chart 23. 50 mV register setup.
Signal flows in from AMV, through a 10-times amplified gain network by ACBUF, and goes through a pre-filter
before flowing into ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com