Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS970X Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 2Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 3Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 4Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 5Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 6Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 7Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 8Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 9Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 10Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
FS970X
Rev. 4.4
6/46
11) Standard 4-bit parallel interface to directly connect to micro processor port
12) 4 programmable ADC direct input channel
13) 64 PIN LQFP package
Measurement Range (FS9701B as an example)
1) 500.0 mV, 50.00mVDC voltage, high impedance input.
2) 0.5000V, 5.000 V, 50.00 V, 500.0 V and 1000 V DC voltage
3) 500.0 uA, 5.000 mA, 50.00mA, 500.0 mA, 5.000 A, and 10.00 A DC current
4) 500.0 , 5.000 K, 50.00 K, 500.0 K, 5.000 M and 50.00 M resistance
5) 0.5000V, 5.000 V, 50.00 V, 500.0 V and 1000 V AC voltage
6) 500.0 uA, 5.000 mA, 50.00mA, 500.0 mA, 5.000 A, and 10.00 A AC current
7) 10.00 nF, 100.0 nF, 1.000 uF,10.00 uF, and 100.0 uF capacitor
8) 50.00 Hz, 500.0 Hz, 5.000 Khz, 50.00 Khz, 500.0 Khz, and 5.000 Mhz frequency.
9) Diode forward bias voltage test, with maximum forward voltage of 2V
10) 1 mS above peak hold detector
3.
Ordering Information
Product Number
Package Type
FS9701B
64-pin LQFP
FS9704B
64-pin LQFP
FS9701B-GCE
Green 64-pin LQFP
FS9704B-GCE
Green 64-pin LQFP
4.
Electrical Characteristics
(VBAT = 9V, VSS = 0V, TA=+25℃, unless otherwise indicated)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Zero Input Reading
VIN=0V, 500mV Scale
-1
0
1
Counts
Zero Reading Drift
VIN=0V, 0℃<TA<+70℃
μV/℃
Linearity (Max. deviation from best
straight line fit)
500mV Scale
-2
0
2
Counts
Input Common-Mode Rejection Ratio VCM=±1V, VIN=0V, 500mV Scale
120
μV/V
Input Common-Mode Voltage Range VIN=0V, 500mV Scale, ±12 Counts
-1
1
V
Noise (p-p Value not Exceeding 95%
of Time)
VIN=0V, 500mV Scale
0
1
Counts
Rollover Error (Difference in reading
for equal positive and negative inputs
near Full Scale)
-VIN=+VIN=500.00mV
0
1
5
Counts
Input Leakage Current
VIN=0V
1
10
pA
Scale Factor Temperature Coefficient VIN=500.00mV, 0℃<TA<+70℃
7.5
ppm/℃
Analog Ground Voltage (With respect
to VSS)
3.2
V
Analog Supply Voltage (With respect
to VSS)
6.2
V
Digital Supply Voltage (With respect
to VSS)
5
V
Analog Ground Source Capability
ΔVO
=-0.1V
20
μA
Analog Ground Sink Capability
ΔVO
=0.1V
3
mA
Analog Supply Source Capability
ΔVO
=0.1V
60
mA
VBAT
7
9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com