Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS970X Datasheet(PDF) 34 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 34 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 30Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 31Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 32Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 33Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 34Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 35Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 36Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 37Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 38Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
FS970X
Rev. 4.4
34/46
ADG<7:6>
Performance setting of ADC
Section 8.7
SETADC<7:6> ENVDS & ENVCS, on/off power control setting
Section 5.3
SETADC<5:4> CYS<1:0> elimination mode setting of offset voltage of ADC
Section 8.5
SETADC<3:0> TPS1<1:0> and TPS2<1:0> the number of digital filter
Section 8.4
MISC1<7>
CNTBP and CMP1of ENBP and MISC2<3> determine the action
of buzzer
Chart 4
MISC1<6:3>
Setting of clock generator controls the operating mode of capacity
measurement
Chart 3, Chart 7
and Chart 8
MISC1<2:1>
DTON and FQRST_ are the counter mode of frequency counter
and reset control
Section 9.1
MISC1<0>
PKHRST_ is the reset signal of peak-hold sampling circuitry
Section 9.2
MISC2<6:4>
Output of compactor and low voltage detector
Section 7.5 and 5.1
MISC2<2>
When equal 1, the signal of CMPH can directly input from ACA,
without going through an AC buffer
Section 7.5.1
MISC2<1:0>
ENGNDR_ and ENLBS are the enable control of basic job offset
voltage and low voltage detector.
5.1 and 5.2
Chart
19. The brief illustration of the function of each register in FS970X.
The read/write sequence of each control register is shown as Graph 15. Because of the data length is 8 bit, it
requires consecutive two times for each read or write, first MSB, and then LSB(4 bits each)”0” when the next
ALE occurred. Thus, it will start with MSB again when starting the next read/write sequence.
ALE
RD_
CS_
Address, 00~08
DATA<7:4>
READ CONTROL REGISTER CYCLE
DATA<3:0>
AD<3:0>
ALE
WR_
CS_
Address, 00~08
DATA<7:4>
WRITE CONTROL REGISTER CYCLE
DATA<3:0>
Next Address
CYCNTR
0
1
2
CYCNTR
0
1
2
AD<3:0>
Graph 15. The read/write sequence of the control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com